Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5295IPFP Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 8Page - Texas Instruments ADS5295IPFP Datasheet HTML 9Page - Texas Instruments ADS5295IPFP Datasheet HTML 10Page - Texas Instruments ADS5295IPFP Datasheet HTML 11Page - Texas Instruments ADS5295IPFP Datasheet HTML 12Page - Texas Instruments ADS5295IPFP Datasheet HTML 13Page - Texas Instruments ADS5295IPFP Datasheet HTML 14Page - Texas Instruments ADS5295IPFP Datasheet HTML 15Page - Texas Instruments ADS5295IPFP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 91 page
background image
ADS5295
SBAS595 – DECEMBER 2012
www.ti.com
PIN DESCRIPTIONS
NAME
NO.
FUNCTION(1)
DESCRIPTION
ADCLKN
30
DO
Differential LVDS frame clock (1x), negative
ADCLKP
29
DO
Differential LVDS frame clock (1x), positive
AGND
3, 6, 55, 58, 61, 80
G
Analog ground pin
AVDD
9, 52, 66, 71, 74
S
Analog supply pin, 1.8 V
Differential clock input, negative
CLKN
73
AI
For a single-ended clock, tie CLKN to 0 V
CLKP
72
AI
Differential clock input, positive
CS
75
DI
Serial enable chip select; active low digital input
IN1N
79
AI
Differential analog input for channel 1, negative
IN1P
78
AI
Differential analog input for channel 1, positive
IN2N
2
AI
Differential analog input for channel 2, negative
IN2P
1
AI
Differential analog input for channel 2, positive
IN3N
5
AI
Differential analog input for channel 3, negative
IN3P
4
AI
Differential analog input for channel 3, positive
IN4N
8
AI
Differential analog input for channel 4, negative
IN4P
7
AI
Differential analog input for channel 4, positive
IN5N
54
AI
Differential analog input for channel 5, negative
IN5P
53
AI
Differential analog input for channel 5, positive
IN6N
57
AI
Differential analog input for channel 6, negative
IN6P
56
AI
Differential analog input for channel 6, positive
IN7N
60
AI
Differential analog input for channel 7, negative
IN7P
59
AI
Differential analog input for channel 7, positive
IN8N
63
AI
Differential analog input for channel 8, negative
IN8P
62
AI
Differential analog input for channel 8, positive
LCLKN
32
DO
LVDS differential bit clock output pins (6x), negative
LCLKP
31
DO
LVDS differential bit clock output pins (6x), positive
LGND
12, 50
G
Digital ground pin
LVDD
11, 49
S
Digital and I/O power supply, 1.8 V
NC
67
—
Do not connect
OUT1A_N
14
DO
Channel 1 differential LVDS negative data output, one-wire
OUT1A_P
13
DO
Channel 1 differential LVDS positive data output, one-wire
OUT1B_N
16
DO
Channel 1 differential LVDS negative data output, two-wire
OUT1B_P
15
DO
Channel 1 differential LVDS positive data output, two-wire
OUT2A_N
18
DO
Channel 2 differential LVDS negative data output, one-wire
OUT2A_P
17
DO
Channel 2 differential LVDS positive data output, one-wire
OUT2B_N
20
DO
Channel 2 differential LVDS negative data output, two-wire
OUT2B_P
19
DO
Channel 2 differential LVDS positive data output, two-wire
OUT3A_N
22
DO
Channel 3 differential LVDS negative data output, one-wire
OUT3A_P
21
DO
Channel 3 differential LVDS positive data output, one-wire
OUT3B_N
24
DO
Channel 3 differential LVDS negative data output, two-wire
OUT3B_P
23
DO
Channel 3 differential LVDS positive data output, two-wire
OUT4A_N
26
DO
Channel 4 differential LVDS negative data output, one-wire
OUT4A_P
25
DO
Channel 4 differential LVDS positive data output, one-wire
OUT4B_N
28
DO
Channel 4 differential LVDS negative data output, two-wire
OUT4B_P
27
DO
Channel 4 differential LVDS positive data output, two-wire
(1)
Pin functionality: AI = analog input; DI = digital input; DO = digital output; G = ground; and S = supply.
12
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com