Electronic Components Datasheet Search
  English  ▼

X  

LP8543 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 5 Page - Texas Instruments

  LP8543 Datasheet HTML 1Page - Texas Instruments LP8543 Datasheet HTML 2Page - Texas Instruments LP8543 Datasheet HTML 3Page - Texas Instruments LP8543 Datasheet HTML 4Page - Texas Instruments LP8543 Datasheet HTML 5Page - Texas Instruments LP8543 Datasheet HTML 6Page - Texas Instruments LP8543 Datasheet HTML 7Page - Texas Instruments LP8543 Datasheet HTML 8Page - Texas Instruments LP8543 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LP8543
www.ti.com
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2) (3)
VIN
-0.3V to +24.0V
VDDIO, VLDO
-0.3V to +6.0V
Voltage on Logic Pins (PWM, ADR EN, IF_SEL, ALSO, ALSI)
-0.3V to +6.0V
Voltage on Logic Pins (SCLK, SDA, FAULT)
-0.3V to VDDIO
V (OUT1...OUT7 SW, FB)
-0.3V to +44.0V
Continuous Power Dissipation (4)
Internally Limited
Junction Temperature (TJ-MAX)
125°C
Storage Temperature Range
-65°C to +150°C
Maximum Lead Temperature (Soldering)
(5)
ESD Rating
(6)
Human Body Model:
2 kV
Machine Model:
OUT7: 150V
All other pins : 200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
All voltages are with respect to the potential at the GND pins.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typ.) and
disengages at TJ = 130°C (typ.).
(5)
For detailed soldering specifications and information, please refer to Texas Instruments AN1187: Leadless Leadframe Package (LLP).
(6)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin. MIL-STD-883 3015.7
Operating Ratings
(1) (2)
Input Voltage Range VIN
5.5 to 22.0V
VDDIO
1.65 to 5V
V (OUT1...OUT7, SW, FB)
0 to 40V
Junction Temperature (TJ) Range
−40°C to +125°C
Ambient Temperature (TA) Range
(3)
−40°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Thermal Properties
Junction-to-Ambient Thermal Resistance (
θJA), RTW Package
(1)
35 - 50°C/W
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com