Electronic Components Datasheet Search
  English  ▼

X  

LP8543 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP8543 Datasheet HTML 2Page - Texas Instruments LP8543 Datasheet HTML 3Page - Texas Instruments LP8543 Datasheet HTML 4Page - Texas Instruments LP8543 Datasheet HTML 5Page - Texas Instruments LP8543 Datasheet HTML 6Page - Texas Instruments LP8543 Datasheet HTML 7Page - Texas Instruments LP8543 Datasheet HTML 8Page - Texas Instruments LP8543 Datasheet HTML 9Page - Texas Instruments LP8543 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LP8543
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(1) (2)
Limits in standard typeface are for TA = 25°C. Limits in boldface type apply over the full operating ambient temperature range
(
−40°C < TA < +85°C). Unless otherwise specified: VIN = 12.0V, VDDIO = 2.8V, CVLDO = 470 nF, L1 = 15 μH, CIN = 10 μF, COUT
= 4.7
μF.
(3)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Standby supply current
Internal LDO disabled
1
μA
EN=L and PWM=L
IIN
Normal mode supply current
LDO enabled, boost enabled, no current
3.5
mA
going through LED outputs
fOSC
Internal Oscillator Frequency
-4
4
%
Accuracy
-7
7
VLDO
Internal LDO Voltage
4.5
5.0
5.5
V
ILDO
Internal LDO External Loading
5.0
mA
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Min and Max limits are ensured by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the most likely
norm.
(3)
Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
Boost Converter Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
RDS-ON
Switch ON resistance
ISW = 0.5A
0.12
Ω
VMAX
Boost maximum output voltage
38
V
Maximum Continuous Load
VIN ≥ 12V, VOUT = 38V
400
ILOAD
mA
Current
VIN = 5.5V, VOUT = 38V
180
fSW
Switching Frequency
BOOST_FREQ_SEL = 0
625
kHz
BOOST_FREQ_SEL = 1
1250
VBOOST = 38V
VBOOST + 1.6V
VOV
Over-voltage protection voltage
V
VBOOST < 38V
VBOOST + 4V
tPULSE
Switch pulse minimum width
no load
50
ns
Startup delay
EN_STANDALONE = 1, PWM input
2
ms
tDELAY
active, EN is set from low to high
tSTARTUP
Startup time
(1)
8
ms
IMAX_SEL[1:0] = 00
0.9
IMAX_SEL[1:0] = 01
1.4
IMAX
SW pin current limit
A
IMAX_SEL[1:0] = 10
2.0
IMAX_SEL[1:0] = 11
2.5
(1)
Start-up time is measured from the moment boost is activated until the VOUT crosses 90% of its target value.
LED Driver Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Outputs OUT1 to OUT7 (Voltage on pins
ILEAKAGE
Leakage current
-1
1
µA
40V)
IMAX
Maximum Source Current
Outputs OUT1 to OUT7
60
mA
Output current accuracy
-3
3
IOUT
Output current set to 20 mA
%
(1)
-4
4
IMATCH
Matching OUT1-7 (1)
Output current set to 20 mA
0.8
1.5
%
IMATCH
Matching OUT1-6 (1)
Output current set to 20 mA
0.5
1.35
%
fPWM_OUT ≤ 4883 Hz
10
PWMRES
PWM output resolution
fPWM_OUT = 9766Hz
9
bit
fPWM_OUT = 19531Hz
8
(1)
Output Current Accuracy is the difference between the actual value of the output current and programmed value of this current.
Matching is the maximum difference from the average. For the constant current sinks on the part (OUT1 to OUT7), the following are
determined: the maximum output current (MAX), the minimum output current (MIN), and the average output current of all outputs (AVG).
Two matching numbers are calculated: (MAX-AVG)/AVG and (AVG-MIN/AVG). The largest number of the two (worst case) is
considered the matching figure. The typical specification provided is the most likely norm of the matching figure for all parts. Note that
some manufacturers have different definitions in use.
6
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com