Electronic Components Datasheet Search
  English  ▼

X  

LP8543 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP8543 Datasheet HTML 11Page - Texas Instruments LP8543 Datasheet HTML 12Page - Texas Instruments LP8543 Datasheet HTML 13Page - Texas Instruments LP8543 Datasheet HTML 14Page - Texas Instruments LP8543 Datasheet HTML 15Page - Texas Instruments LP8543 Datasheet HTML 16Page - Texas Instruments LP8543 Datasheet HTML 17Page - Texas Instruments LP8543 Datasheet HTML 18Page - Texas Instruments LP8543 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Ambient
Light
Sensor
Ambient Light
Compensation Curve
PWM
Input Pin
Brightness
Value
SMBus/I
2
C
PWM
Compensation Curve
X
Temperature
Limitation
threshold
Phase Shift
PWM
Internal
Temperature
Sensor
Constant Current
LED Drivers
SMBus/I
2
C
Current
Value
Duty Cycle
Measurement
Ambient
Light
Interface
BOOST
LED
DRIVER
LOGIC
EEPROM
I
2
C/
SMBUS
INTERFACE
LDO
OSC
TSD
PWM
DETECTOR
LP8543
SW
FB
VLDO
GND
GND_SW
GND_LED
EN
PWM
VDDIO
ADR
SCLK
SDA
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
ALS
INTERFACE
ALSO
FAULT
IF_SEL
VIN
ALSI
OUT7
TEMP
SENSOR
MCU
ALS
VIN
5.5 ± 22V
LP8543
www.ti.com
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
Block Diagram
LED Driver Control
Basic Operation
Principle of the LED driver control is shown in the following figure:
Figure 11. Principle of the LED Control Methods
LP8543 is designed to be flexible to support backlighting needs for the main display as well as lighting needs of
a sub display (also for e.g. keyboard lighting or status LED) when required. In addition, a variety of PWM options
are supported to drive the backlight LED strings. Various configurations that are supported using a set of
programmable internal registers and EEPROM are described below. Both the register map and the EEPROM
memory map are listed at the end of this datasheet.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com