Electronic Components Datasheet Search
  English  ▼

X  

LP8543 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP8543 Datasheet HTML 19Page - Texas Instruments LP8543 Datasheet HTML 20Page - Texas Instruments LP8543 Datasheet HTML 21Page - Texas Instruments LP8543 Datasheet HTML 22Page - Texas Instruments LP8543 Datasheet HTML 23Page - Texas Instruments LP8543 Datasheet HTML 24Page - Texas Instruments LP8543 Datasheet HTML 25Page - Texas Instruments LP8543 Datasheet HTML 26Page - Texas Instruments LP8543 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
OVP
Light
Load
SW
R
R
OCP
Switch
Driver
R
S
R
6
+
-
+
-
Osc/
ramp
gm
-
+
VREF
FB
Boost output
voltage
adjustment
Active Load
Startup
LP8543
www.ti.com
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
User can program the output voltage of the boost converter or use adaptive mode where boost output voltage is
adjusted automatically based on LED driver saturation. In adaptive mode the boost output voltage control steps
are 0.25V. Enabling the adaptive mode is done with <BOOST_AUTO> bit in Boost Control register. If boost is
started with adaptive mode enabled (default) then the initial voltage value is defined with EEPROM bits at
address 29H in order to eliminate long iteration time when the chip is started. If adaptive mode is enabled after
boost startup, then the boost will use register 07H values as initial voltage value. The output voltage control
changes the resistor divider in the feedback loop. The following figure shows the boost topology with the
protection circuitry.
Protection
Four different protection schemes are implemented:
1. Over-voltage protection limit changes dynamically based on output voltage setting
–
Over-voltage protection limit changes dynamically based on output voltage setting.
–
Keeps the output below breakdown voltage.
–
Prevents boost operation if battery voltage is much higher than desired output.
2. SW current limiting, limits the maximum inductor current.
3. Over-current protection enables fault flag and shuts down boost converter in over-current condition.
4. Duty cycle limiting.
Manual Output Voltage Control
User can control the boost output voltage with Boost_output (07H) register when adaptive mode is disabled;
i.e., <BOOST_AUTO> = 0.
Table 7. Boost Output Voltage Controls
VPROG[4:0]
Voltage (typical)
Bin
Dec
Volts
00000
0
10
00001
1
11
00010
2
12
00011
3
13
00100
4
14
...
...
...
11011
27
37
11100
28
38
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com