Electronic Components Datasheet Search
  English  ▼

X  

LP8543 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP8543 Datasheet HTML 10Page - Texas Instruments LP8543 Datasheet HTML 11Page - Texas Instruments LP8543 Datasheet HTML 12Page - Texas Instruments LP8543 Datasheet HTML 13Page - Texas Instruments LP8543 Datasheet HTML 14Page - Texas Instruments LP8543 Datasheet HTML 15Page - Texas Instruments LP8543 Datasheet HTML 16Page - Texas Instruments LP8543 Datasheet HTML 17Page - Texas Instruments LP8543 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Write default values in RAM
Turn the backlight on and check LED
faults (read STATUS register)
Measure display brightness
Calculate new brightness constants
and write to RAM
Erase EEPROM and write RAM
content to EEPROM
Brightness ok
Measure display brightness
YES
NO
LP8543
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
www.ti.com
Energy Efficiency
The voltage across the LED drivers is constantly monitored and boost voltage is adjusted to minimum sufficient
voltage when adaptive boost mode is selected. Inductive boost converter maintains good efficiency over wide
input and output operating voltage ranges. The boost output has over voltage protection limiting the maximum
output to 38V. The boost is internally compensated and the output voltage can be either controlled with 5-bit
register value or automatically adjusted based on the LED driver voltages.
LP8543 has an internal 5V LDO with low current consumption. The 5V LDO can supply 5 mA current for external
devices like ALS (Ambient Light Sensor). LDO is switched off in standby mode. The internal LDO is used for
powering internal blocks as well; therefore the 470 nF CVLDO capacitor must be used even if external load is not
used.
Serial Communication
LP8543 supports two serial protocols: SMBus and I2C. IF_SEL input is used to determine the selection. SMBus
interface is selected when IF_SEL is high and I2C is selected when IF_SEL is low.
14
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com