Electronic Components Datasheet Search
  English  ▼

X  

LP8543 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP8543 Datasheet HTML 24Page - Texas Instruments LP8543 Datasheet HTML 25Page - Texas Instruments LP8543 Datasheet HTML 26Page - Texas Instruments LP8543 Datasheet HTML 27Page - Texas Instruments LP8543 Datasheet HTML 28Page - Texas Instruments LP8543 Datasheet HTML 29Page - Texas Instruments LP8543 Datasheet HTML 30Page - Texas Instruments LP8543 Datasheet HTML 31Page - Texas Instruments LP8543 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
LP8543
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
www.ti.com
Table 10. Digital LED Fault Detection Thresholds
DIG_COMP[1:0]
Threshold Voltage (V)
00
3
01
5
10
7
11
9
When Fault is detected the FAULT pin will be pulled down (open drain output), and corresponding status register
bit is set. To clear the fault user must read the status register.
Note: LED fault output signal is generated only once for certain fault type. If, for example, open fault occurs, new
open fault does not cause the FAULT pin to be pulled down uless chip is reset by setting EN pin low and high
again. The faults will be seen in the register however. If LED fault is detected, the string which created the fault is
no longer used for adjusting the boost voltage. Otherwise the LP8543 operates as normally.
Note: Due to the nature of fault detection it is possible to generate false faults during startup etc. conditions.
Therefore when fault is detected it is recommended to read the fault/status register twice to make sure that the
first fault is real. If the second reading gives the same result then the fault is real.
Under-Voltage Detection
LP8543 has detection for too low VIN voltage. Threshold level for the voltage is set with EEPROM register bits as
seen in the following table:
Table 11. Under-Voltage Detection Thresholds
UVLO_THR
Threshold (V)
0
6
1
3
Under voltage detection is always on. When under voltage is detected the LED outputs and boost will shutdown,
Fault pin will be pulled down (open drain output) and corresponding fault bit is set in status register. Fault can be
reset by reading the status register. LEDs and boost will start again when the voltage has increased above the
threshold level. Hysteresis is implemented to threshold level to avoid continuous triggering of fault when
threshold is reached.
Note: Due to the nature of fault detection it is possible to generate false faults during startup etc. conditions.
Therefore when fault is detected it is recommended to read the fault/status register twice to make sure that the
first fault is real. If the second reading gives the same result then the fault is real.
Over-Current Detection
LP8543 has detection for too high loading on the boost converter. When over current fault is detected the
LP8543 will shut down and set the fault flag.
Thermal Shutdown
If the LP8543 reaches thermal shutdown temperature (150°C) the LED outputs and boost will shut down to
protect it from damage. Also the fault pin will be pulled down to indicate the fault state. Device will activate again
when temperature drops below 130°C.
SMBus/I
2C Compatible Serial Bus Interface
Interface Bus Overview
The SMBus/I2C-compatible synchronous serial interface provides access to the programmable functions and
registers on the device. This protocol uses a two-wire interface for bidirectional communications between the IC's
connected to the bus. The two interface lines are the Serial Data Line (SDA), and the Serial Clock Line (SCL /
SCLK). These lines should be connected to a positive supply, via a pull-up resistor and remain HIGH even when
the bus is idle.
28
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com