Electronic Components Datasheet Search
  English  ▼

X  

LP8543 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP8543 Datasheet HTML 21Page - Texas Instruments LP8543 Datasheet HTML 22Page - Texas Instruments LP8543 Datasheet HTML 23Page - Texas Instruments LP8543 Datasheet HTML 24Page - Texas Instruments LP8543 Datasheet HTML 25Page - Texas Instruments LP8543 Datasheet HTML 26Page - Texas Instruments LP8543 Datasheet HTML 27Page - Texas Instruments LP8543 Datasheet HTML 28Page - Texas Instruments LP8543 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Low threshold
Mid threshold (Low + 0.5V)
High threshold
All voltages are above Mid threshold =>
boost voltage needs to be adjusted down!
Low threshold
Mid threshold (Low + 0.5V)
High threshold
This causes the boost
voltage to rise!
Low threshold
Mid threshold (Low + 0.5V)
High threshold
LP8543
www.ti.com
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
Figure 18. Normal Operation, High PWM Value
If one LED driver voltage is below Low, boost voltage will be increased. This is seen in the following figure.
Figure 19. Boost voltage too Low
If all driver voltages are above Mid threshold (or any of the voltages in PSPWM adaptation mode and with low
PWM value), boost voltage will be lowered. Decision is always based on number of strings active at the same
time. In the illustrations 6 outputs are active, which basically means close to 100% PWM value with PSPWM.
Figure 20. Boost voltage too High
Fault Detection
LP8543 has fault detection for LED fault, low-battery voltage, overcurrent and thermal shutdown. The open drain
output pin (FAULT) can be used to indicate occurred fault. The cause for the fault can be read from status
register. Refreshing the <BL_CTL> bit high will reset the fault register and fault pin state.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com