Electronic Components Datasheet Search
  English  ▼

X  

LP8543 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP8543 Datasheet HTML 23Page - Texas Instruments LP8543 Datasheet HTML 24Page - Texas Instruments LP8543 Datasheet HTML 25Page - Texas Instruments LP8543 Datasheet HTML 26Page - Texas Instruments LP8543 Datasheet HTML 27Page - Texas Instruments LP8543 Datasheet HTML 28Page - Texas Instruments LP8543 Datasheet HTML 29Page - Texas Instruments LP8543 Datasheet HTML 30Page - Texas Instruments LP8543 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
PSPWM cycle
Boost voltage
>Threshold
Shorted LEDs
in this string
PSPWM cycle
Boost voltage
>Threshold
38V
Open fault in
this string
Low threshold
Mid threshold (Low + 0.5V)
High threshold
This causes short fault!
LP8543
www.ti.com
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
Figure 22. Short Fault
Digital Fault Detection
With digital fault detection the voltage hopping between LED strings is monitored in PSPWM mode. In normal
PWM mode or with high PWM values with PSPWM mode this does not apply.
If there’s open in one of the LED strings, the LED driver output pin will drop to 0V. When this happens the boost
will try to increase the voltage to get enough headroom for the driver. When the voltage for one string reaches
maximum voltage (38V) and the difference between consecutive LED strings is higher than set threshold level an
open LED fault is detected. If all voltages are close to 38V then the threshold condition is not met and no fault is
detected. If the LED output is shorted to GND it will be detected same way. Open fault detection is seen in the
following figure:
Figure 23. Digital Open Fault Detection
If there is one or more LEDs shorted in one string, the boost will drop the voltage for this string. When the
difference between consecutive LED strings is higher than set threshold level a short LED fault is detected. This
is described in the following figure:
Figure 24. Digital Short Fault Detection
Threshold level is programmed to EEPROM as shown in the following table. Threshold level adjustability is
provided to allow adaptation to different LED VF used in the application.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com