Electronic Components Datasheet Search
  English  ▼

X  

LP8543 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LP8543
Description  High-Voltage DC/DC Boost Converter With Integrated FET
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8543 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP8543 Datasheet HTML 22Page - Texas Instruments LP8543 Datasheet HTML 23Page - Texas Instruments LP8543 Datasheet HTML 24Page - Texas Instruments LP8543 Datasheet HTML 25Page - Texas Instruments LP8543 Datasheet HTML 26Page - Texas Instruments LP8543 Datasheet HTML 27Page - Texas Instruments LP8543 Datasheet HTML 28Page - Texas Instruments LP8543 Datasheet HTML 29Page - Texas Instruments LP8543 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Low threshold
Mid threshold (Low + 0.5V)
High threshold
This causes the
open fault!
LP8543
SNVS604D – AUGUST 2009 – REVISED MARCH 2013
www.ti.com
Led Fault Detection
There are two methods of detecting the LED fault. First method is based on measuring the voltage on LED driver
pins (analog fault detection) and another is based on adaptive boost voltage hopping between strings (digital
fault detection). The used fault detection mode is selected in EEPROM as well as the threshold levels.
<FAULT_SEL[1:0]> bits selects the used mode as follows:
Table 9. LED Fault Mode Selection
FAULT_SEL[1:0]
Fault mode
00
No fault detection
01
Analog fault detection based on LED driver voltage
10
Digital fault detection based on boost voltage hopping
11
Both analog and digital fault detection
Two fault detection methods are used to detect faults in different conditions. Analog detection works better with
high PWM values (in PSPWM mode) where many strings are active at a same time. It does not work when only
one string is active at a time, because it is based on comparing driver voltages on strings active simultaneously.
Digital fault detection is used to complement this case.
Digital fault detection works better with low PWM values, where not all strings are on at the same time. Digital
short detection works only with cases where one string is active at the same time.
Analog Fault Detection
When analog fault detection mode is selected, the voltages across the LED drivers are constantly monitored. The
same threshold levels (Low, Mid and High) are used for fault detection to adjust the boost voltage.
If one of the LED strings has an open fault (LED driver output pin has no contact to LED string), the output pin
voltage drops to 0V. When this happens the boost voltage will be adjusted higher to get enough headroom, but
at some point the voltage for all other strings will rise over the high threshold. In this case the LP8543 detects
open fault, and adjusts the boost voltage based on other LED strings needs, i.e., the faulty LED string voltage is
not used anymore for adjusting boost output voltage. If the LED driver output pin is shorted to GND the fault
detection works exactly the same. This situation with 6 LEDs active at the same time is illustrated in the following
diagram:
Figure 21. Open Fault
If one or more LEDs are shorted, this causes the voltage to rise in this LED driver output pin above the high
threshold. This causes short fault detection as seen in the following figure:
26
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP8543



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com