Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 124 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 124 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 120Page - Texas Instruments AM3359 Datasheet HTML 121Page - Texas Instruments AM3359 Datasheet HTML 122Page - Texas Instruments AM3359 Datasheet HTML 123Page - Texas Instruments AM3359 Datasheet HTML 124Page - Texas Instruments AM3359 Datasheet HTML 125Page - Texas Instruments AM3359 Datasheet HTML 126Page - Texas Instruments AM3359 Datasheet HTML 127Page - Texas Instruments AM3359 Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 236 page
background image
RGMII[x]_RD[3:0]
(B)
RGMII[x]_RCTL
(B)
RGMII[x]_RCLK
(A)
1
RXERR
1st Half-byte
2nd Half-byte
2
3
RXDV
RGRXD[3:0]
RGRXD[7:4]
RGMII[x]_RCLK
2
3
1
4
4
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
5.5.1.4
Ethernet MAC and Switch RGMII Electrical Data and Timing
Table 5-16. Timing Requirements for RGMII[x]_RCLK - RGMII Mode
(see Figure 5-13)
10 Mbps
100 Mbps
1000 Mbps
NO.
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
1
tc(RXC)
Cycle time, RXC
360
440
36
44
7.2
8.8
ns
Pulse duration, RXC
2
tw(RXCH)
160
240
16
24
3.6
4.4
ns
high
3
tw(RXCL)
Pulse duration, RXC low
160
240
16
24
3.6
4.4
ns
4
tt(RXC)
Transition time, RXC
0.75
0.75
0.75
ns
Figure 5-13. RGMII[x]_RCLK Timing - RGMII Mode
Table 5-17. Timing Requirements for RGMII[x]_RD[3:0], and RGMII[x]_RCTL - RGMII Mode
(see Figure 5-14)
10 Mbps
100 Mbps
1000 Mbps
NO.
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Setup time, RD[3:0] valid
tsu(RD-RXC)
1
1
1
before RXC high or low
1
ns
Setup time, RX_CTL valid
tsu(RX_CTL-RXC)
1
1
1
before RXC high or low
Hold time, RD[3:0] valid
th(RXC-RD)
1
1
1
after RXC high or low
2
ns
Hold time, RX_CTL valid
th(RXC-RX_CTL)
1
1
1
after RXC high or low
tt(RD)
Transition time, RD
0.75
0.75
0.75
3
ns
tt(RX_CTL)
Transition time, RX_CTL
0.75
0.75
0.75
A.
RGMII[x]_RCLK must be externally delayed relative to the RGMII[x]_RD[3:0] and RGMII[x]_RCTL signals to meet the
respective timing requirements.
B.
Data and control information is received using both edges of the clocks. RGMII[x]_RD[3:0] carries data bits 3-0 on the
rising edge of RGMII[x]_RCLK and data bits 7-4 on the falling edge of RGMII[x]_RCLK. Similarly, RGMII[x]_RCTL
carries RXDV on rising edge of RGMII[x]_RCLK and RXERR on falling edge of RGMII[x]_RCLK.
Figure 5-14. RGMII[x]_RD[3:0], RGMII[x]_RCTL Timing - RGMII Mode
124
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com