Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 148 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 148 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 144Page - Texas Instruments AM3359 Datasheet HTML 145Page - Texas Instruments AM3359 Datasheet HTML 146Page - Texas Instruments AM3359 Datasheet HTML 147Page - Texas Instruments AM3359 Datasheet HTML 148Page - Texas Instruments AM3359 Datasheet HTML 149Page - Texas Instruments AM3359 Datasheet HTML 150Page - Texas Instruments AM3359 Datasheet HTML 151Page - Texas Instruments AM3359 Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 236 page
background image
DDR_CK
1
DDR_CKn
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
5.6.2
mDDR(LPDDR), DDR2, DDR3, DDR3L Memory Interface
The device has a dedicated interface to mDDR(LPDDR),DDR2, DDR3, and DDR3L SDRAM. It supports
JEDEC standard compliant mDDR(LPDDR), DDR2, DDR3, and DDR3L SDRAM devices with a 16-bit
data path to external SDRAM memory.
For more details on the mDDR(LPDDR), DDR2, DDR3, and DDR3L memory interface, see the EMIF
section of the AM335x Sitara ARM Cortex A-8 Microprocessors (MPUs) Technical Reference Manual
(literature number SPRUH73).
5.6.2.1
mDDR(LPDDR) Routing Guidelines
It is common to find industry references to mobile double data rate (mDDR) when discussing JEDEC
defined low-power double-data rate (LPDDR) memory devices. The following guidelines use LPDDR when
referencing JEDEC defined low-power double-data rate memory devices.
5.6.2.1.1 Board Designs
TI only supports board designs that follow the guidelines outlined in this document. The switching
characteristics and the timing diagram for the LPDDR memory interface are shown in Table 5-31 and
Figure 5-32.
Table 5-31. Switching Characteristics for LPDDR Memory Interface
NO.
PARAMETER
MIN
MAX
UNIT
tc(DDR_CK)
1
Cycle time, DDR_CK and DDR_CKn
5
(1)
ns
tc(DDR_CKn)
(1) The JEDEC JESD209B specification only defines the maximum clock period for LPDDR333 and faster speed bin LPDDR memory
devices. To determine the maximum clock period, see the respective LPDDR memory data sheet.
Figure 5-32. LPDDR Memory Interface Clock Timing
5.6.2.1.2 LPDDR Interface
This section provides the timing specification for the LPDDR interface as a PCB design and manufacturing
specification. The design rules constrain PCB trace length, PCB trace skew, signal integrity, cross-talk,
and signal timing. These rules, when followed, result in a reliable LPDDR memory system without the
need for a complex timing closure process. For more information regarding the guidelines for using this
LPDDR specification, see the Understanding TI’s PCB Routing Rule-Based DDR Timing Specification
application report (literature number SPRAAV0). This application report provides generic guidelines and
approach. All the specifications provided in the data manual take precedence over the generic guidelines
and must be adhered to for a reliable LPDDR interface operation.
5.6.2.1.2.1 LPDDR Interface Schematic
Figure 5-33 shows the schematic connections for 16-bit interface on AM335x device using one x16
LPDDR device. The AM335x LPDDR memory interface only supports 16-bit wide mode of operation. The
AM335x° device can only source one load connected to the DQS[x] and DQ[x] net class signals and one
load connected to the CK and ADDR_CTRL net class signals. For more information related to net classes,
see Section 5.6.2.1.2.8.
148
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com