Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 156 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 156 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 152Page - Texas Instruments AM3359 Datasheet HTML 153Page - Texas Instruments AM3359 Datasheet HTML 154Page - Texas Instruments AM3359 Datasheet HTML 155Page - Texas Instruments AM3359 Datasheet HTML 156Page - Texas Instruments AM3359 Datasheet HTML 157Page - Texas Instruments AM3359 Datasheet HTML 158Page - Texas Instruments AM3359 Datasheet HTML 159Page - Texas Instruments AM3359 Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 236 page
background image
A1
A1
A
AM335x
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
5.6.2.1.3 LPDDR CK and ADDR_CTRL Routing
Figure 5-36 shows the topology of the routing for the CK and ADDR_CTRL net classes. The length of
signal path AB and AC should be minimized with emphasis to minimize lengths C and D such that length
A is the majority of the total length of signal path AB and AC.
Figure 5-36. CK and ADDR_CTRL Routing and Topology
Table 5-41. CK and ADDR_CTRL Routing Specification(1)(2)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
Center-to-center CK spacing
2w
2
CK differential pair skew length mismatch(2)(3)
25
mils
3
CK B-to-CK C skew length mismatch
25
mils
4
Center-to-center CK to other LPDDR trace spacing(4)
4w
5
CK and ADDR_CTRL nominal trace length(5)
CACLM-50
CACLM
CACLM+50
mils
6
ADDR_CTRL-to-CK skew length mismatch
100
mils
7
ADDR_CTRL-to-ADDR_CTRL skew length mismatch
100
mils
8
Center-to-center ADDR_CTRL to other LPDDR trace spacing(4)
4w
9
Center-to-center ADDR_CTRL to other ADDR_CTRL trace spacing(4)
3w
10
ADDR_CTRL A-to-B and ADDR_CTRL A-to-C skew length mismatch(2)
100
mils
11
ADDR_CTRL B-to-C skew length mismatch
100
mils
(1) CK represents the clock net class, and ADDR_CTRL represents the address and control signal net class.
(2) Series terminator, if used, should be located closest to the AM335x device.
(3) Differential impedance should be Zo x 2, where Zo is the single-ended impedance defined in Table 5-34.
(4) Center-to-center spacing is allowed to fall to minimum (w) for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(5) CACLM is the longest Manhattan distance of the CK and ADDR_CTRL net classes.
156
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com