Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 180 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 180 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 176Page - Texas Instruments AM3359 Datasheet HTML 177Page - Texas Instruments AM3359 Datasheet HTML 178Page - Texas Instruments AM3359 Datasheet HTML 179Page - Texas Instruments AM3359 Datasheet HTML 180Page - Texas Instruments AM3359 Datasheet HTML 181Page - Texas Instruments AM3359 Datasheet HTML 182Page - Texas Instruments AM3359 Datasheet HTML 183Page - Texas Instruments AM3359 Datasheet HTML 184Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 236 page
background image
A1
A2
AM335x
Address and Control
Output Buffer
DDR3 Address and Control Input Buffers
A3
AT
Vtt
Address and Control
Terminator
Rtt
A1
A2
AM335x
Differential Clock
Output Buffer
DDR3 Differential CK Input Buffers
Routed as Differential Pair
A3
AT
Rcp
Clock Parallel
Terminator
A1
A2
A3
AT
Rcp
Cac
VDDS_DDR
0.1 µF
+
–
+ –
+ –
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
5.6.2.3.4.1 Two DDR3 Devices
Two DDR3 devices are supported on the DDR3 interface consisting of two x8 DDR3 devices arranged as
one 16-bit bank. These two devices may be mounted on a single side of the PCB, or may be mirrored in a
pair to save board space at a cost of increased routing complexity and parts on the backside of the PCB.
5.6.2.3.4.1.1 CK and ADDR_CTRL Topologies, Two DDR3 Devices
Figure 5-52 shows the topology of the CK net classes and Figure 5-53 shows the topology for the
corresponding ADDR_CTRL net classes.
Figure 5-52. CK Topology for Two DDR3 Devices
Figure 5-53. ADDR_CTRL Topology for Two DDR3 Devices
5.6.2.3.4.1.2 CK and ADDR_CTRL Routing, Two DDR3 Devices
Figure 5-54 shows the CK routing for two DDR3 devices placed on the same side of the PCB. Figure 5-55
shows the corresponding ADDR_CTRL routing.
180
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com