Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 183 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 183 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 179Page - Texas Instruments AM3359 Datasheet HTML 180Page - Texas Instruments AM3359 Datasheet HTML 181Page - Texas Instruments AM3359 Datasheet HTML 182Page - Texas Instruments AM3359 Datasheet HTML 183Page - Texas Instruments AM3359 Datasheet HTML 184Page - Texas Instruments AM3359 Datasheet HTML 185Page - Texas Instruments AM3359 Datasheet HTML 186Page - Texas Instruments AM3359 Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 236 page
background image
A1
A2
AM335x
Address and Control
Output Buffer
DDR3 Address and Control Input Buffers
AT
Vtt
Address and Control
Terminator
Rtt
A1
A2
AM335x
Differential Clock
Output Buffer
DDR3 Differential CK Input Buffer
Routed as Differential Pair
AT
Rcp
Clock Parallel
Terminator
A1
A2
AT
Rcp
Cac
VDDS_DDR
0.1 µF
+
–
+ –
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
5.6.2.3.4.2 One DDR3 Device
A single DDR3 device is supported on the DDR3 interface consisting of one x16 DDR3 device arranged
as one 16-bit bank.
5.6.2.3.4.2.1 CK and ADDR_CTRL Topologies, One DDR3 Device
Figure 5-58 shows the topology of the CK net classes and Figure 5-59 shows the topology for the
corresponding ADDR_CTRL net classes.
Figure 5-58. CK Topology for One DDR3 Device
Figure 5-59. ADDR_CTRL Topology for One DDR3 Device
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
183
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com