Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 211 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 211 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 207Page - Texas Instruments AM3359 Datasheet HTML 208Page - Texas Instruments AM3359 Datasheet HTML 209Page - Texas Instruments AM3359 Datasheet HTML 210Page - Texas Instruments AM3359 Datasheet HTML 211Page - Texas Instruments AM3359 Datasheet HTML 212Page - Texas Instruments AM3359 Datasheet HTML 213Page - Texas Instruments AM3359 Datasheet HTML 214Page - Texas Instruments AM3359 Datasheet HTML 215Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 236 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
Table 5-79. Switching Characteristics for McASP(1)
(see Figure 5-87)
OPP100
OPP50
NO.
UNIT
MIN
MAX
MIN
MAX
Cycle time, McASP[x]_AHCLKR and
9
tc(AHCLKRX)
20(2)
40
ns
McASP[x]_AHCLKX
Pulse duration, McASP[x]_AHCLKR and
10
tw(AHCLKRX)
0.5P - 2.5(3)
0.5P - 2.5(3)
ns
McASP[x]_AHCLKX high or low
Cycle time, McASP[x]_ACLKR and
11
tc(ACLKRX)
20
40
ns
McASP[x]_ACLKX
Pulse duration, McASP[x]_ACLKR and
12
tw(ACLKRX)
0.5P - 2.5(3)
0.5P - 2.5(3)
ns
McASP[x]_ACLKX high or low
ACLKR and
Delay time, McASP[x]_ACLKR and
0
6
0
6
ACLKX int
McASP[x]_ACLKX transmit edge to
McASP[x]_AFSR and
ACLKR and
2
13.5
2
18
McASP[x]_AFSX output valid
ACLKX ext in
13
td(ACLKRX-AFSRX)
ns
Delay time, McASP[x]_ACLKR and
McASP[x]_ACLKX transmit edge to
ACLKR and
McASP[x]_AFSR and
ACLKX ext
2
13.5
2
18
McASP[x]_AFSX output valid with
out
Pad Loopback
Delay time, McASP[x]_ACLKX
ACLKX int
0
6
0
6
transmit edge to McASP[x]_AXR
ACLKX ext in
2
13.5
2
18
output valid
14
td(ACLKX-AXR)
ns
Delay time, McASP[x]_ACLKX
ACLKX ext
transmit edge to McASP[x]_AXR
2
13.5
2
18
out
output valid with Pad Loopback
Disable time, McASP[x]_ACLKX
ACLKX int
0
6
0
6
transmit edge to McASP[x]_AXR
ACLKX ext in
2
13.5
2
18
output high impedance
15
tdis(ACLKX-AXR)
ns
Disable time, McASP[x]_ACLKX
transmit edge to McASP[x]_AXR
ACLKX ext
2
13.5
2
18
output high impedance with Pad
out
Loopback
(1) ACLKR internal: ACLKRCTL.CLKRM = 1, PDIR.ACLKR = 1
ACLKR external input: ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 0
ACLKR external output: ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 1
ACLKX internal: ACLKXCTL.CLKXM = 1, PDIR.ACLKX = 1
ACLKX external input: ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 0
ACLKX external output: ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 1
(2) 50 MHz
(3) P = AHCLKR and AHCLKX period.
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
211
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com