Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 219 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 219 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 215Page - Texas Instruments AM3359 Datasheet HTML 216Page - Texas Instruments AM3359 Datasheet HTML 217Page - Texas Instruments AM3359 Datasheet HTML 218Page - Texas Instruments AM3359 Datasheet HTML 219Page - Texas Instruments AM3359 Datasheet HTML 220Page - Texas Instruments AM3359 Datasheet HTML 221Page - Texas Instruments AM3359 Datasheet HTML 222Page - Texas Instruments AM3359 Datasheet HTML 223Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 236 page
background image
MMC[x]_CLK (Output)
1
2
MMC[x]_CMD (Input)
MMC[x]_DAT[7:0] (Inputs)
3
4
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
5.12 Multimedia Card (MMC) Interface
For more information, see the Multimedia Card (MMC) section of the AM335x ARM Cortex-A8
Microprocessors (MPUs) Technical Reference Manual (literature number SPRUH73).
5.12.1 MMC Electrical Data and Timing
Table 5-86. MMC Timing Conditions
TIMING CONDITION PARAMETER
MIN
TYP
MAX
UNIT
Input Conditions
tr
Input signal rise time
1
5
ns
tf
Input signal fall time
1
5
ns
Output Condition
Cload
Output load capacitance
3
30
pF
Table 5-87. Timing Requirements for MMC[x]_CMD and MMC[x]_DAT[7:0]
(see Figure 5-92)
NO.
MIN
TYP
MAX
UNIT
Setup time, MMC_CMD valid before MMC_CLK rising clock
1
tsu(CMDV-CLKH)
4.1
ns
edge
2
th(CLKH-CMDV)
Hold time, MMC_CMD valid after MMC_CLK rising clock edge
3.76
ns
Setup time, MMC_DATx valid before MMC_CLK rising clock
3
tsu(DATV-CLKH)
4.1
ns
edge
4
th(CLKH-DATV)
Hold time, MMC_DATx valid after MMC_CLK rising clock edge
3.76
ns
Figure 5-92. MMC[x]_CMD and MMC[x]_DAT[7:0] Input Timing
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
219
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com