Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 220 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 220 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 216Page - Texas Instruments AM3359 Datasheet HTML 217Page - Texas Instruments AM3359 Datasheet HTML 218Page - Texas Instruments AM3359 Datasheet HTML 219Page - Texas Instruments AM3359 Datasheet HTML 220Page - Texas Instruments AM3359 Datasheet HTML 221Page - Texas Instruments AM3359 Datasheet HTML 222Page - Texas Instruments AM3359 Datasheet HTML 223Page - Texas Instruments AM3359 Datasheet HTML 224Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 236 page
background image
10
MMC[x]_CLK (Output)
MMC[x]_CMD (Output)
MMC[x]_DAT[7:0] (Outputs)
11
RMII[x]_REFCLK
(Input)
5
7
6
8
9
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
Table 5-88. Switching Characteristics for MMC[x]_CLK
(see Figure 5-93)
STANDARD MODE
HIGH-SPEED MODE
NO.
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
fop(CLK)
Operating frequency, MMC_CLK
24
48
MHz
tcop(CLK)
Operating period: MMC_CLK
41.7
20.8
ns
5
fid(CLK)
Identification mode frequency, MMC_CLK
400
400
kHz
tcid(CLK)
Identification mode period: MMC_CLK
2500
2500
ns
6
tw(CLKL)
Pulse duration, MMC_CLK low
(0.5*P) - tf(CLK)
(1)
(0.5*P) - tf(CLK)
(1)
ns
7
tw(CLKH)
Pulse duration, MMC_CLK high
(0.5*P) - tr(CLK)
(1)
(0.5*P) - tr(CLK)
(1)
ns
8
tr(CLK)
Rise time, All Signals (10% to 90%)
2.2
2.2
ns
9
tf(CLK)
Fall time, All Signals (10% to 90%)
2.2
2.2
ns
(1) P = MMC_CLK period.
Figure 5-93. MMC[x]_CLK Timing
Table 5-89. Switching Characteristics for MMC[x]_CMD and MMC[x]_DAT[7:0]—Standard Mode
(see Figure 5-94)
OPP100
OPP50
NO.
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Delay time, MMC_CLK falling clock
10
td(CLKL-CMD)
-4
14
-4
17.5
ns
edge to MMC_CMD transition
Delay time, MMC_CLK falling clock
11
td(CLKL-DAT)
-4
14
-4
17.5
ns
edge to MMC_DATx transition
Figure 5-94. MMC[x]_CMD and MMC[x]_DAT[7:0] Output Timing—Standard Mode
220
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com