Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 224 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 224 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 220Page - Texas Instruments AM3359 Datasheet HTML 221Page - Texas Instruments AM3359 Datasheet HTML 222Page - Texas Instruments AM3359 Datasheet HTML 223Page - Texas Instruments AM3359 Datasheet HTML 224Page - Texas Instruments AM3359 Datasheet HTML 225Page - Texas Instruments AM3359 Datasheet HTML 226Page - Texas Instruments AM3359 Datasheet HTML 227Page - Texas Instruments AM3359 Datasheet HTML 228Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 236 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
Table 5-94. UART IrDA—Signaling Rate and Pulse Duration—Transmit Mode
ELECTRICAL PULSE DURATION
SIGNALING RATE
UNIT
MIN
MAX
SIR
2.4 Kbps
78.1
78.1
µs
9.6 Kbps
19.5
19.5
µs
19.2 Kbps
9.75
9.75
µs
38.4 Kbps
4.87
4.87
µs
57.6 Kbps
3.25
3.25
µs
115.2 Kbps
1.62
1.62
µs
MIR
0.576 Mbps
414
419
ns
1.152 Mbps
206
211
ns
FIR
4 Mbps (Single pulse)
123
128
ns
4 Mbps (Double pulse)
248
253
ns
224
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com