Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS49FG Datasheet(PDF) 37 Page - Toshiba Semiconductor

Part # TMP86FS49FG
Description  8 Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49FG Datasheet(HTML) 37 Page - Toshiba Semiconductor

Back Button TMP86FS49FG Datasheet HTML 33Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 34Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 35Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 36Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 37Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 38Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 39Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 40Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 41Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
Page 257
TMP86FS49FG
22.2.3 Serial PROM mode
(VSS = 0 V, Topr = -10 to 40 °C)
Parameter
Symbol
Pins
Condition
Min
Max
Unit
Supply voltage
VDD
NORMAL1, 2 modes
4.5
5.5
V
Input high voltage
VIH1
Except hysteresis input
VDD ≥ 4.5 V
VDD × 0.70
VDD
VIH2
Hysteresis input
VDD × 0.75
Input low voltage
VIL1
Except hysteresis input
VDD ≥ 4.5 V
0
VDD × 0.30
VIL2
Hysteresis input
VDD × 0.25
Clock frequency
fc
XIN, XOUT
2.0
16.0
MHz
TENTATIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com