Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS49FG Datasheet(PDF) 30 Page - Toshiba Semiconductor

Part # TMP86FS49FG
Description  8 Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49FG Datasheet(HTML) 30 Page - Toshiba Semiconductor

Back Button TMP86FS49FG Datasheet HTML 26Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 27Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 28Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 29Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 30Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 31Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 32Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 33Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 34Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Page 28
2. Operational Description
2.2 System Clock Controller
TMP86FS49FG
Note: After SYSCK is cleared to “0”, executing the instructions is continiued by the low-frequency clock
for the period synchronized with low-frequency and high-frequency clocks.
Note: SLOW mode can also be released by inputting low level on the RESET pin, which immediately performs the reset opera-
tion. After reset, TMP86FS49FG are placed in NORMAL1 mode.
Example :Switching from the SLOW1 mode to the NORMAL2 mode (fc = 16 MHz, warm-up time is 4.0 ms).
SET
(SYSCR2). 7
; SYSCR2<XEN>
← 1 (Starts high-frequency oscillation)
LD
(TC3CR), 63H
; Sets mode for TC4, TC3 (16-bit TC, fc for source)
LD
(TC4CR), 05H
LD
(TTREG4), 0F8H
; Sets warm-up time
DI
; IMF
← 0
SET
(EIRH). 1
; Enables INTTC4
EI
; IMF
← 1
SET
(TC4CR). 3
; Starts TC4, 3
:
PINTTC4:
CLR
(TC4CR). 3
; Stops TC4, 3
CLR
(SYSCR2). 5
; SYSCR2<SYSCK>
← 0
(Switches the main system clock to the high-frequency clock)
RETI
:
VINTTC4:
DW
PINTTC4
; INTTC4 vector table
High-frequency clock
Low-frequency clock
Main system clock
SYSCK
TENTATIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com