Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS49FG Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # TMP86FS49FG
Description  8 Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49FG Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button TMP86FS49FG Datasheet HTML 10Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 11Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 12Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 13Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 14Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 15Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 16Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 17Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Page 12
2. Operational Description
2.2 System Clock Controller
TMP86FS49FG
Figure 2-4 Configuration of Timing Generator
Note 1: In single clock mode, do not set DV7CK to “1”.
Note 2: Do not set “1” on DV7CK while the low-frequency clock is not operated stably.
Note 3: fc: High-frequency clock [Hz], fs: Low-frequency clock [Hz], *: Don’t care
Note 4: In SLOW1/2 and SLEEP1/2 modes, the DV7CK setting is ineffective, and fs is input to the 7th stage of the divider.
Note 5: When STOP mode is entered from NORMAL1/2 mode, the DV7CK setting is ineffective during the warm-up period after
release of STOP mode, and the 6th stage of the divider is input to the 7th stage during this period.
2.2.2.2 Machine cycle
Instruction execution and peripheral hardware operation are synchronized with the main system clock.
The minimum instruction execution unit is called an “machine cycle”. There are a total of 10 different
types of instructions for the TLCS-870/C Series: Ranging from 1-cycle instructions which require one
machine cycle for execution to 10-cycle instructions which require 10 machine cycles for execution. A
machine cycle consists of 4 states (S0 to S3), and each state consists of one main system clock.
Timing Generator Control Register
TBTCR
(0036H)
76
5
4
3
2
1
0
(DVOEN)
(DVOCK)
DV7CK
(TBTEN)
(TBTCK)
(Initial value: 0000 0000)
DV7CK
Selection of input to the 7th stage
of the divider
0: fc/28 [Hz]
1: fs
R/W
Multi-
plexer
High-frequency
clock fc
Low-frequency
clock fs
Divider
SYSCK
fc/4
fc or fs
Machine cycle counters
Main system clock generator
1
2
1
4
3
2
8
7
10
9
12
11
14
13
16
15
DV7CK
Multiplexer
Timer/
counters
Warm-up
controller
Watchdog
timer
Time base
timer
Divider
output circuit
Serial
interface
A
S
B
Y
S
B0
A0 Y0
B1
A1 Y1
5
6
17 18 19 20 21
TENTATIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com