Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS49FG Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # TMP86FS49FG
Description  8 Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49FG Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button TMP86FS49FG Datasheet HTML 15Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 16Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 17Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 18Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 19Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 20Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 21Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 22Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
Page 17
TMP86FS49FG
Note 1: A reset is applied if both XEN and XTEN are cleared to “0”, XEN is cleared to “0” when SYSCK = “0”, or XTEN is cleared
to “0” when SYSCK = “1”.
Note 2: *: Don’t care, TG: Timing generator
Note 3: Bits 3, 1 and 0 in SYSCR2 are always read as undefined value.
Note 4: Do not set IDLE and TGHALT to “1” simultaneously.
Note 5: Because returning from IDLE0/SLEEP0 to NORMAL1/SLOW1 is executed by the asynchronous internal clock, the period
of IDLE0/SLEEP0 mode might be shorter than the period setting by TBTCR<TBTCK>.
Note 6: When IDLE1/2 or SLEEP1/2 mode is released, IDLE is automatically cleared to “0”.
Note 7: When IDLE0 or SLEEP0 mode is released, TGHALT is automatically cleared to “0”.
Note 8: Before setting TGHALT to “1”, be sure to stop peripherals. If peripherals are not stopped, the interrupt latch of peripherals
may be set after IDLE0 or SLEEP0 mode is released.
2.2.4 Operating Mode Control
2.2.4.1 STOP mode
STOP mode is controlled by the system control register 1, the STOP pin input .
The STOP pin is also used both as a port P20 and an INT5 (external interrupt input 5) pin.
STOP mode is started by setting STOP (Bit7 in SYSCR1) to “1”. During STOP mode, the following
status is maintained.
1. Oscillations are turned off, and all internal operations are halted.
2. The data memory, registers, the program status word and port output latches are all held in the
status in effect before STOP mode was entered.
3. The prescaler and the divider of the timing generator are cleared to “0”.
4. The program counter holds the address 2 ahead of the instruction (e.g., [SET (SYSCR1).7])
which started STOP mode.
STOP mode includes a level-sensitive mode and an edge-sensitive mode, either of which can be
selected with the RELM (Bit6 in SYSCR1).
Note 1: During STOP period (from start of STOP mode to end of warm up), due to changes in the external
interrupt pin signal, interrupt latches may be set to “1” and interrupts may be accepted immediately
after STOP mode is released. Before starting STOP mode, therefore, disable interrupts. Also, before
enabling interrupts after STOP mode is released, clear unnecessary interrupt latches.
(1) Level-sensitive release mode (RELM = “1”)
In this mode, STOP mode is released by setting the STOP pin high. This mode is used for capacitor
backup when the main power supply is cut off and long term battery backup.
System Control Register 2
SYSCR2
(0039H)
76
543
21
0
XEN
XTEN
SYSCK
IDLE
TGHALT
(Initial value: 1000 *0**)
XEN
High-frequency oscillator control
0: Turn off oscillation
1: Turn on oscillation
R/W
XTEN
Low-frequency oscillator control
0: Turn off oscillation
1: Turn on oscillation
SYSCK
Main system clock select
(Write)/main system clock moni-
tor (Read)
0: High-frequency clock
1: Low-frequency clock
IDLE
CPU and watchdog timer control
(IDLE1/2 and SLEEP1/2 modes)
0: CPU and watchdog timer remain active
1: CPU and watchdog timer are stopped (Start IDLE1/2 and SLEEP1/2 modes)
TGHALT
TG control (IDLE0 and SLEEP0
modes)
0: Feeding clock to all peripherals from TG
1: Stop feeding clock to peripherals except TBT from TG.
(Start IDLE0 and SLEEP0 modes)
TENTATIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com