Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS49FG Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # TMP86FS49FG
Description  8 Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49FG Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button TMP86FS49FG Datasheet HTML 8Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 9Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 10Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 11Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 12Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 13Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 14Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 15Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 16Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Page 10
2. Operational Description
2.2 System Clock Controller
TMP86FS49FG
2.1.2 Program Memory (FLASH)
The TMP86FS49FG has a 60K
× 8 bits (Address 1000H to FFFFH) of program memory (FLASH ). A pro-
gram code placed on the internal RAM can be excutable when a certain procedure is executed ( See "2.3.2
Address trap reset ").
2.1.3 Data Memory (RAM)
Data memory consists of internal data memory (Internal FLASH or RAM). The TMP86FS49FG has 2Kbyte
(Address 0040H to 083FH) of internal RAM. The first 192 bytes (0040H to 00FFH) of the internal RAM are
located in the direct area; instructions with shorten operations are available against such an area.
The data memory contents become unstable when the power supply is turned on; therefore, the data memory
should be initialized by an initialization routine.
2.2 System Clock Controller
The system clock controller consists of a clock generator, a timing generator, and a standby controller.
Figure 2-2 System Colck Control
Example :Clears RAM to “00H”. (TMP86FS49FG)
LD
HL, 0040H
; Start address setup
LD
A, H
; Initial value (00H) setup
LD
BC, 07FFH
;
SRAMCLR:
LD
(HL), A
INC
HL
DEC
BC
JRS
F, SRAMCLR
TBTCR
SYSCR2
SYSCR1
XIN
XOUT
XTIN
XTOUT
fc
0036H
0038H
0039H
fs
Timing generator control register
Timing
generator
Standby controller
System clocks
Clock generator control
High-frequency
clock oscillator
Low-frequency
clock oscillator
Clock
generator
System control registers
TENTATIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com