Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS49FG Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TMP86FS49FG
Description  8 Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49FG Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TMP86FS49FG Datasheet HTML 5Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 6Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 7Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 8Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 9Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 10Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 11Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 12Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Page 7
TMP86FS49FG
P61
AIN01
21
IO
I
PORT61
AD converter analog input 1
P60
AIN00
20
IO
I
PORT60
AD converter analog input 0
P77
AIN17
35
IO
I
PORT77
AD converter analog input 17
P76
AIN16
34
IO
I
PORT76
AD converter analog input 16
P75
AIN15
33
IO
I
PORT75
AD converter analog input 15
P74
AIN14
32
IO
I
PORT74
AD converter analog input 14
P73
AIN13
31
IO
I
PORT73
AD converter analog input 13
P72
AIN12
30
IO
I
PORT72
AD converter analog input 12
P71
AIN11
29
IO
I
PORT71
AD converter analog input 11
P70
AIN10
28
IO
I
PORT70
AD converter analog input 10
XIN
2
I
Resonator connecting pins for high-frequency clock
XOUT
3
O
Resonator connecting pins for high-frequency clock
RESET
8
I
Reset signal input
TEST
4
I
Test pin for out-going test and the Serial PROM mode control
pin. Usually fix to low level. Fix to high level when the Serial
PROM mode starts.
VAREF
18
I
Analog reference voltage input (High)
AVDD
19
I
AD circuit power supply
VDD
5
I
+5V
VSS
1
I
0(GND)
Table 1-1 Pin Names and Functions(3/3)
Pin Name
Pin Number
Input/Output
Functions
TENTATIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com