Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS49FG Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # TMP86FS49FG
Description  8 Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49FG Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button TMP86FS49FG Datasheet HTML 14Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 15Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 16Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 17Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 18Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 19Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 20Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 21Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 22Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Page 16
2. Operational Description
2.2 System Clock Controller
TMP86FS49FG
Note 2: The mode is released by falling edge of TBTCR<TBTCK> setting.
Figure 2-6 Operating Mode Transition Diagram
Note 1: Always set RETM to “0” when transiting from NORMAL mode to STOP mode. Always set RETM to “1” when transiting
from SLOW mode to STOP mode.
Note 2: When STOP mode is released with RESET pin input, a return is made to NORMAL1 regardless of the RETM contents.
Note 3: fc: High-frequency clock [Hz], fs: Low-frequency clock [Hz], *; Don’t care
Note 4: Bits 1 and 0 in SYSCR1 are read as undefined data when a read instruction is executed.
Note 5: As the hardware becomes STOP mode under OUTEN = “0”, input value is fixed to “0”; therefore it may cause interrupt
request on account of falling edge.
Note 6: When the key-on wakeup is used, the edge realease can not function according to some conditions. It is recommended to
set the level realease (RELM = “1”).
Note 7: Port P20 is used as STOP pin. Therefore, when stop mode is started, OUTEN does not affect to P20, and P20 becomes
High-Z mode.
Note 8: The warmig-up time should be set correctly for using oscillator.
Operating Mode
Oscillator
CPU Core
TBT
Other
Peripherals
Machine Cycle
Time
High
Frequency
Low
Frequency
Single clock
RESET
Oscillation
Stop
Reset
Reset
Reset
4/fc [s]
NORMAL1
Operate
Operate
Operate
IDLE1
Halt
IDLE0
Halt
–
STOP
Stop
Halt
Dual clock
NORMAL2
Oscillation
Oscillation
Operate with
high frequency
Operate
Operate
4/fc [s]
IDLE2
Halt
SLOW2
Operate with
low frequency
4/fs [s]
SLEEP2
Halt
SLOW1
Stop
Operate with
low frequency
SLEEP1
Halt
SLEEP0
Halt
–
STOP
Stop
Halt
System Control Register 1
SYSCR1
(0038H)
76
543
21
0
STOP
RELM
RETM
OUTEN
WUT
(Initial value: 0000 00**)
STOP
STOP mode start
0: CPU core and peripherals remain active
1: CPU core and peripherals are halted (Start STOP mode)
R/W
RELM
Release method for STOP
mode
0: Edge-sensitive release
1: Level-sensitive release
RETM
Operating mode after STOP
mode
0: Return to NORMAL1/2 mode
1: Return to SLOW1 mode
OUTEN
Port output during STOP mode
0: High impedance
1: Output kept
WUT
Warm-up time at releasing
STOP mode
Return to NORMAL mode
Return to SLOW mode
00
3
× 216/fc
3
× 213/fs
01
216/fc
213/fs
10
3
× 214/fc
3
× 26/fs
11
214/fc
26/fs
TENTATIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com