Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS49FG Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TMP86FS49FG
Description  8 Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49FG Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TMP86FS49FG Datasheet HTML 7Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 8Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 9Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 10Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 11Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 12Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 13Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 14Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Page 9
TMP86FS49FG
2. Operational Description
2.1 CPU Core Functions
The CPU core consists of a CPU, a system clock controller, and an interrupt controller.
This section provides a description of the CPU core, the program memory, the data memory, and the reset circuit.
2.1.1 Memory Address Map
The TMP86FS49FG memory consists of 4 blocks: FLASH, RAM, DBR (Data buffer register) and SFR
(Special function register). They are all mapped in 64-Kbyte address space. Figure 2-1 shows the
TMP86FS49FG memory address map. The general-purpose registers are not assigned to the RAM address
space.
Figure 2-1 Memory Address Map
64 byte
SFR
RAM
DBR
0040H
2Kbyte
083FH
0F80H
0FFFH
1000H
FFFFH
FLASH
60Kbyte
FLASH
: includes;
Program memory
Vector table
RAM: Random access memory includes:
Data memory
Stack
SFR:
Special function register includes:
I/O ports
Peripheral control registers
Peripheral status registers
System control registers
Program status word
DBR:
Databuffer register includes:
Peripheral status registers
003FH
0000H
FFA0H
128byte
TENTATIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com