Electronic Components Datasheet Search
  English  ▼

X  

TMP86FS49FG Datasheet(PDF) 38 Page - Toshiba Semiconductor

Part # TMP86FS49FG
Description  8 Bit Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49FG Datasheet(HTML) 38 Page - Toshiba Semiconductor

Back Button TMP86FS49FG Datasheet HTML 34Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 35Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 36Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 37Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 38Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 39Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 40Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 41Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 42Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Page 258
22. Electrical Characteristics
22.1 Absolute Maximum Ratings
TMP86FS49FG
22.3 DC Characteristics
Note 1: Typical values show those at Topr = 25
°C and VDD = 5 V.
Note 2: Input current (IIN1, IIN3): The current through pull-up or pull-down resistor is not included.
Note 3: IDD does not include IREF.
Note 4: The supply currents of SLOW2 and SLEEP2 modes are equivalent to those of IDLE1 and IDLE2 modes.
(VSS = 0 V, Topr = -40 to 85 °C)
Parameter
Symbol
Pins
Condition
Min
Typ.
Max
Unit
Hysteresis voltage
VHS
Hysteresis input
VDD = 5.5 V, VIN = 5.5 V/0 V
–0.9
–
V
Input current
IIN1
TEST
––
±2
µA
IIN2
Sink open drain, tri–state port
IIN3
RESET
, STOP
Input resistance
RIN
RESET
pull–up
100
220
450
k
Ω
Output leakage current
ILO1
Sink open drain port
VDD = 5.5 V, VOUT = 5.5 V
––2
µA
ILO2
Tri–state port
VDD = 5.5 V, VOUT = 5.5 V/0 V
––
±2
Output high voltage
VOH
Tri–state port
VDD = 4.5 V, IOH = -0.7 mA
4.1
–
–
V
Output low voltage
VOL
Except XOUT, P3, P5
VDD = 4.5 V, IOL = 1.6 mA
––
0.4
Output low curren
IOL
High current port
(P3, P5 Port)
VDD = 4.5 V, VOL = 1.0 V
–20
–
mA
Supply current in
NORMAL1, 2 modes
IDD
VDD = 5.5 V
VIN = 5.3 V/0.2 V
fc = 16 MHz
fs = 32.768 kHz
When a program
operates on flash
memory
–12.6
20
Supply current in
IDLE0 mode
–6.3
7.5
Supply current in IDLE
1, 2 modes
–7.6
10
Supply current in
SLOW1 mode
VDD = 3.0 V
VIN = 2.8 V/0.2 V
fs = 32.768 kHz
When a program
operates on flash
memory
–0.9
3
When a program
operates on RAM
–10
21
µA
Supply current in
SLEEP1 mode
–4.5
16
Supply current in
SLEEP0 mode
–3.5
12
Supply current in
STOP mode
VDD = 5.5 V
VIN = 5.3 V/0.2 V
–0.5
10
TENTATIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com