Electronic Components Datasheet Search
  English  ▼

X  

ADXL375 Datasheet(PDF) 6 Page - Analog Devices

Part # ADXL375
Description  3-Axis, 200 g Digital Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADXL375 Datasheet HTML 2Page - Analog Devices ADXL375 Datasheet HTML 3Page - Analog Devices ADXL375 Datasheet HTML 4Page - Analog Devices ADXL375 Datasheet HTML 5Page - Analog Devices ADXL375 Datasheet HTML 6Page - Analog Devices ADXL375 Datasheet HTML 7Page - Analog Devices ADXL375 Datasheet HTML 8Page - Analog Devices ADXL375 Datasheet HTML 9Page - Analog Devices ADXL375 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADXL375
Data Sheet
Rev. 0 | Page 6 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
CS
SDA/SDI/SDIO
SDO/ALT ADDRESS
RESERVED
NC
NOTES
1. NC = NOT INTERNALLY CONNECTED.
INT2
INT1
VDD I/O
GND
RESERVED
GND
GND
VS
13
12
11
10
9
8
1
2
3
4
+X
+Y
+Z
5
6
14
7
SCL/SCLK
ADXL375
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD I/O
Digital Interface Supply Voltage.
2
GND
Ground. This pin must be connected to ground.
3
RESERVED
Reserved. This pin must be connected to VS or left open.
4
GND
Ground. This pin must be connected to ground.
5
GND
Ground. This pin must be connected to ground.
6
VS
Supply Voltage.
7
CS
Chip Select.
8
INT1
Interrupt 1 Output.
9
INT2
Interrupt 2 Output.
10
NC
Not Internally Connected.
11
RESERVED
Reserved. This pin must be connected to ground or left open.
12
SDO/ALT ADDRESS
SPI 4-Wire Serial Data Output (SDO)/I2C Alternate Address Select (ALT ADDRESS).
13
SDA/SDI/SDIO
I2C Serial Data (SDA)/SPI 4-Wire Serial Data Input (SDI)/SPI 3-Wire Serial Data Input and Output (SDIO).
14
SCL/SCLK
I2C Serial Communications Clock (SCL)/SPI Serial Communications Clock (SCLK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com