Electronic Components Datasheet Search
  English  ▼

X  

ADXL375 Datasheet(PDF) 9 Page - Analog Devices

Part # ADXL375
Description  3-Axis, 200 g Digital Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADXL375 Datasheet HTML 5Page - Analog Devices ADXL375 Datasheet HTML 6Page - Analog Devices ADXL375 Datasheet HTML 7Page - Analog Devices ADXL375 Datasheet HTML 8Page - Analog Devices ADXL375 Datasheet HTML 9Page - Analog Devices ADXL375 Datasheet HTML 10Page - Analog Devices ADXL375 Datasheet HTML 11Page - Analog Devices ADXL375 Datasheet HTML 12Page - Analog Devices ADXL375 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
ADXL375
Rev. 0 | Page 9 of 32
0
5
10
15
20
25
SELF-TEST RESPONSE (LSB)
Figure 16. Z-Axis Self-Test Response at 25°C, VS = 2.5 V
0
5
10
15
20
25
100
110
120
130
140
150
160
170
180
190
200
CURRENT CONSUMPTION (µA)
Figure 17. Current Consumption at 25°C, 100 Hz Output Data Rate, VS = 2.5 V
0
20
40
60
80
100
120
140
160
1.60 3.12 6.25 12.50 25
50
100 200 400 800 1600 3200
OUTPUT DATA RATE (Hz)
Figure 18. Current Consumption vs. Output Data Rate at 25°C,
10 Parts Soldered to PCB, VS = 2.5 V
0
50
100
150
200
2.0
2.4
2.8
3.2
3.6
SUPPLY VOLTAGE (V)
Figure 19. Supply Current vs. Supply Voltage (VS) at 25°C
0
50
100
150
200
0
50
100
150
200
REFERENCE ACCELERATION (g)
Y-AXIS, DUT1
Y-AXIS, DUT2
X-AXIS, DUT1
X-AXIS, DUT2
Z-AXIS, DUT1
Z-AXIS, DUT2
Figure 20. Output Linearity over the Dynamic Range
0
0.2
0.4
0.6
0.8
1.0
1.2
10
100
1000
FREQUENCY (Hz)
X-AXIS
Y-AXIS
Z-AXIS
Figure 21. Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com