Electronic Components Datasheet Search
  English  ▼

X  

ADXL375 Datasheet(PDF) 2 Page - Analog Devices

Part # ADXL375
Description  3-Axis, 200 g Digital Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375 Datasheet(HTML) 2 Page - Analog Devices

  ADXL375 Datasheet HTML 1Page - Analog Devices ADXL375 Datasheet HTML 2Page - Analog Devices ADXL375 Datasheet HTML 3Page - Analog Devices ADXL375 Datasheet HTML 4Page - Analog Devices ADXL375 Datasheet HTML 5Page - Analog Devices ADXL375 Datasheet HTML 6Page - Analog Devices ADXL375 Datasheet HTML 7Page - Analog Devices ADXL375 Datasheet HTML 8Page - Analog Devices ADXL375 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ADXL375
Data Sheet
Rev. 0 | Page 2 of 32
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
Thermal Resistance ...................................................................... 4
ESD Caution.................................................................................. 4
Soldering Profile ........................................................................... 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 7
Theory of Operation ...................................................................... 10
Power Sequencing ...................................................................... 10
Current Consumption and Output Data Rate........................ 10
Power Saving Modes .................................................................. 11
FIFO Buffer ................................................................................. 11
Self-Test........................................................................................ 12
Interrupts ......................................................................................... 13
Enabling and Disabling Interrupts........................................... 13
Clearing Interrupts..................................................................... 13
Bits in the Interrupt Registers................................................... 13
Serial Communications ................................................................. 15
SPI Mode ..................................................................................... 15
I2C Mode...................................................................................... 18
Register Map ................................................................................... 20
Register Descriptions................................................................. 21
Applications Information .............................................................. 26
Power Supply Decoupling ......................................................... 26
Mechanical Considerations for Mounting.............................. 26
Shock Detection ......................................................................... 26
Threshold Detection and Bandwidth ...................................... 27
Link Mode ................................................................................... 27
Sleep Mode vs. Low Power Mode............................................. 28
Offset Calibration....................................................................... 28
Data Formatting at Output Data Rates of 3200 Hz
and 1600 Hz ................................................................................ 28
Using Self-Test ............................................................................ 29
Axes of Acceleration Sensitivity ............................................... 30
Layout and Design Recommendations ................................... 31
Package Information.................................................................. 31
Outline Dimensions....................................................................... 32
Ordering Guide .......................................................................... 32
REVISION HISTORY
8/13—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com