Electronic Components Datasheet Search
  English  ▼

X  

ADXL375 Datasheet(PDF) 20 Page - Analog Devices

Part # ADXL375
Description  3-Axis, 200 g Digital Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADXL375 Datasheet HTML 16Page - Analog Devices ADXL375 Datasheet HTML 17Page - Analog Devices ADXL375 Datasheet HTML 18Page - Analog Devices ADXL375 Datasheet HTML 19Page - Analog Devices ADXL375 Datasheet HTML 20Page - Analog Devices ADXL375 Datasheet HTML 21Page - Analog Devices ADXL375 Datasheet HTML 22Page - Analog Devices ADXL375 Datasheet HTML 23Page - Analog Devices ADXL375 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADXL375
Data Sheet
Rev. 0 | Page 20 of 32
REGISTER MAP
All registers in the ADXL375 are eight bits in length.
Table 15. Register Map
Address
Register Name
Access Type
Hex
Decimal
Reset Value
Description
0x00
0
DEVID
R
11100101
Device ID
0x01 to 0x1C
1 to 28
Reserved
N/A
N/A
Reserved; do not access
0x1D
29
THRESH_SHOCK
R/W
00000000
Shock threshold
0x1E
30
OFSX
R/W
00000000
X-axis offset
0x1F
31
OFSY
R/W
00000000
Y-axis offset
0x20
32
OFSZ
R/W
00000000
Z-axis offset
0x21
33
DUR
R/W
00000000
Shock duration
0x22
34
Latent
R/W
00000000
Shock latency
0x23
35
Window
R/W
00000000
Shock window
0x24
36
THRESH_ACT
R/W
00000000
Activity threshold
0x25
37
THRESH_INACT
R/W
00000000
Inactivity threshold
0x26
38
TIME_INACT
R/W
00000000
Inactivity time
0x27
39
ACT_INACT_CTL
R/W
00000000
Axis enable control for activity and inactivity detection
0x2A
42
SHOCK_AXES
R/W
00000000
Axis control for single shock/double shock
0x2B
43
ACT_SHOCK_STATUS
R
00000000
Source of single shock/double shock
0x2C
44
BW_RATE
R/W
00001010
Data rate and power mode control
0x2D
45
POWER_CTL
R/W
00000000
Power saving features control
0x2E
46
INT_ENABLE
R/W
00000000
Interrupt enable control
0x2F
47
INT_MAP
R/W
00000000
Interrupt mapping control
0x30
48
INT_SOURCE
R
00000010
Interrupt source
0x31
49
DATA_FORMAT
R/W
00000000
Data format control
0x32
50
DATAX0
R
00000000
X-Axis Data 0
0x33
51
DATAX1
R
00000000
X-Axis Data 1
0x34
52
DATAY0
R
00000000
Y-Axis Data 0
0x35
53
DATAY1
R
00000000
Y-Axis Data 1
0x36
54
DATAZ0
R
00000000
Z-Axis Data 0
0x37
55
DATAZ1
R
00000000
Z-Axis Data 1
0x38
56
FIFO_CTL
R/W
00000000
FIFO control
0x39
57
FIFO_STATUS
R
00000000
FIFO status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com