Electronic Components Datasheet Search
  English  ▼

X  

ADXL375 Datasheet(PDF) 15 Page - Analog Devices

Part # ADXL375
Description  3-Axis, 200 g Digital Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL375 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADXL375 Datasheet HTML 11Page - Analog Devices ADXL375 Datasheet HTML 12Page - Analog Devices ADXL375 Datasheet HTML 13Page - Analog Devices ADXL375 Datasheet HTML 14Page - Analog Devices ADXL375 Datasheet HTML 15Page - Analog Devices ADXL375 Datasheet HTML 16Page - Analog Devices ADXL375 Datasheet HTML 17Page - Analog Devices ADXL375 Datasheet HTML 18Page - Analog Devices ADXL375 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet
ADXL375
Rev. 0 | Page 15 of 32
SERIAL COMMUNICATIONS
The ADXL375 supports I2C and SPI digital communications. In
both cases, the ADXL375 operates as a slave device. When the CS
pin is tied high to VDD I/O, I2C mode is enabled. The CS pin must
be tied high to VDDI/O or be driven by an external controller. If the
CS pin is left unconnected, the user may not be able to communi-
cate with the part. In SPI mode, the CS pin is controlled by the
bus master. In both SPI and I2C modes of operation, ignore data
transmitted from the ADXL375 to the master device during writes
to the ADXL375.
SPI MODE
The ADXL375 can be configured for 3-wire SPI mode or 4-wire
SPI mode, as shown in Figure 22 and Figure 23. Clearing the SPI
bit (Bit D6) in the DATA_FORMAT register (Address 0x31) selects
4-wire mode; setting the SPI bit selects 3-wire mode. The maxi-
mum SPI clock speed is 5 MHz with 100 pF maximum loading.
The timing scheme requires clock polarity (CPOL) = 1 and clock
phase (CPHA) = 1. If power is applied to the ADXL375 before the
clock polarity and phase of the host processor are configured, take
the CS pin high before changing the clock polarity and phase.
When using 3-wire SPI mode, it is recommended that the SDO
pin be either pulled up to VDD I/O or pulled down to GND via a
10 kΩ resistor.
PROCESSOR
D OUT
D IN/OUT
D OUT
ADXL375
CS
SDIO
SDO
SCLK
Figure 22. 3-Wire SPI Connection Diagram
PROCESSOR
D OUT
D OUT
D IN
D OUT
ADXL375
CS
SDI
SDO
SCLK
Figure 23. 4-Wire SPI Connection Diagram
CS is the serial port enable line and is controlled by the SPI master.
This line must go low at the start of a transmission and high at the
end of a transmission, as shown in Figure 25 to Figure 27. SCLK
is the serial port clock and is supplied by the SPI master. SCLK
should idle high during a period of no transmission. In 4-wire
SPI mode, SDI and SDO are the serial data input and output,
respectively. In 3-wire SPI mode, SDIO functions as both the
serial data input and output. Data is updated on the falling edge
of SCLK and should be sampled on the rising edge of SCLK.
To read or write multiple bytes in a single transmission, the
multiple-byte bit (MB in Figure 25 to Figure 27), located after
the R/W bit in the first byte transfer, must be set. After the
register address byte and the first byte of data, each subsequent
set of eight clock pulses causes the ADXL375 to point to the next
register for a read or write. This shifting continues until the clock
pulses cease and CS is deasserted. To perform reads or writes on
different, nonsequential registers, CS must be deasserted between
transmissions and the new register must be addressed separately.
Figure 25 and Figure 26 show the timing diagrams for 4-wire
SPI writes and reads, respectively. Figure 27 shows the timing
diagram for 3-wire SPI reads or writes. For correct operation of
the part, the logic thresholds and timing parameters in Table 11
and Table 12 must be met at all times.
Use of the 3200 Hz and 1600 Hz output data rates is recom-
mended only with SPI communication speeds greater than or
equal to 2 MHz. The 800 Hz output data rate is recommended
only with communication speeds greater than or equal to 400 kHz,
and the remaining data rates scale proportionally. For example,
the minimum recommended communication speed for a 200 Hz
output data rate is 100 kHz. Operation at an output data rate above
the recommended maximum value may result in undesirable
effects on the acceleration data, including missing samples or
additional noise.
Preventing Bus Traffic Errors
The ADXL375 CS pin is used both for initiating SPI transactions
and for enabling I2C mode. When the ADXL375 is used on a SPI
bus with multiple devices, its CS pin is held high while the master
communicates with the other devices. There may be conditions
where a SPI command transmitted to another device looks like
a valid I2C command. In this case, the ADXL375 interprets this
command as an attempt to communicate in I2C mode and may
interfere with other bus traffic. Unless bus traffic can be ade-
quately controlled to ensure that such a condition never occurs,
it is recommended that a logic gate be added in front of Pin 13
(SDA/SDI/SDIO), as shown in Figure 24. This OR gate holds the
SDA line high when CS is high to prevent SPI bus traffic at the
ADXL375 from appearing as an I2C start command.
PROCESSOR
D OUT
D IN/OUT
D IN
D OUT
ADXL375
CS
SDA/SDI/SDIO
SDO
SCLK
Figure 24. Recommended SPI Connection Diagram
When Using Multiple SPI Devices on a Single Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com