Electronic Components Datasheet Search
  English  ▼

X  

OP291 Datasheet(PDF) 37 Page - Analog Devices

Part # OP291
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP291 Datasheet(HTML) 37 Page - Analog Devices

Back Button OP291 Datasheet HTML 33Page - Analog Devices OP291 Datasheet HTML 34Page - Analog Devices OP291 Datasheet HTML 35Page - Analog Devices OP291 Datasheet HTML 36Page - Analog Devices OP291 Datasheet HTML 37Page - Analog Devices OP291 Datasheet HTML 38Page - Analog Devices OP291 Datasheet HTML 39Page - Analog Devices OP291 Datasheet HTML 40Page - Analog Devices OP291 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 37 of 88
CFG841
ADuC841 Config SFR
SFR Address
AFH
Power-On Default
10H1
Bit Addressable
No
Table 14. CFG841 SFR Bit Designations
Bit No.
Name
Description
7
EXSP
Extended SP Enable.
When set to 1 by the user, the stack rolls over from SPH/SP = 00FFH to 0100H.
When set to 0 by the user, the stack rolls over from SP = FFH to SP = 00H.
6
PWPO
PWM Pin Out Selection.
Set to 1 by the user to select P3.4 and P3.3 as the PWM output pins.
Set to 0 by the user to select P2.6 and P2.7 as the PWM output pins.
5
DBUF
DAC Output Buffer.
Set to 1 by the user to bypass the DAC output buffer.
Set to 0 by the user to enable the DAC output buffer.
4
EPM2
Flash/EE Controller and PWM Clock Frequency Configuration Bits.
Frequency should be configured such that FOSC/Divide Factor = 32 kHz + 50%.
3
2
EPM1
EPM0
EPM2
EPM1
EPM0
Divide Factor
0
0
0
32
0
0
1
64
0
1
0
128
0
1
1
256
1
0
0
512
1
0
1
1024
1
MSPI
Set to 1 by the user to move the SPI functionality of MISO, MOSI, and SCLOCK to P3.3, P3.4, and P3.5,
respectively.
Set to 0 by the user to leave the SPI functionality as usual on MISO, MOSI, and SCLOCK pins.
0
XRAMEN
XRAM Enable Bit.
When set to 1 by the user, the internal XRAM is mapped into the lower two kBytes of the external address
space.
When set to 0 by the user, the internal XRAM is not accessible, and the external data memory is mapped into
the lower two kBytes of external data memory.
1 Note that the Flash/EE controller bits EPM2, EPM1, EPM0 are set to their correct values depending on the crystal frequency at power-up. The user should not modify
these bits so all instructions to the CFG841 register should use the ORL, XRL, or ANL instructions. Value of 10H is for 11.0592 MHz crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com