Electronic Components Datasheet Search
  English  ▼

X  

OP291 Datasheet(PDF) 87 Page - Analog Devices

Part # OP291
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP291 Datasheet(HTML) 87 Page - Analog Devices

Back Button OP291 Datasheet HTML 80Page - Analog Devices OP291 Datasheet HTML 81Page - Analog Devices OP291 Datasheet HTML 82Page - Analog Devices OP291 Datasheet HTML 83Page - Analog Devices OP291 Datasheet HTML 84Page - Analog Devices OP291 Datasheet HTML 85Page - Analog Devices OP291 Datasheet HTML 86Page - Analog Devices OP291 Datasheet HTML 87Page - Analog Devices OP291 Datasheet HTML 88Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 87 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 87 of 88
ORDERING GUIDES
Table 42. ADuC841 Ordering Guide
Model
Supply Voltage
VDD
User Program
Code Space
Temperature
Range
Package Description
Package
Option
ADuC841BS62-5
5
62
–40°C to +85°C
52-Lead Plastic Quad Flatpack
S-52
ADuC841BS62-3
3
62
–40°C to +85°C
52-Lead Plastic Quad Flatpack
S-52
ADuC841BCP62-5
5
62
–40°C to +85°C
56-Lead Chip Scale Package
CP-56
ADuC841BCP62-3
3
62
–40°C to +85°C
56-Lead Chip Scale Package
CP-56
ADuC841BCP8-5
5
8
–40°C to +85°C
56-Lead Chip Scale Package
CP-56
ADuC841BCP8-3
3
8
–40°C to +85°C
56-Lead Chip Scale Package
CP-56
EVAL-ADuC841QS
5
QuickStart Development System
EVAL-ADuC841QSP2
5
QuickStart Plus Development System
Table 43. ADuC842 Ordering Guide
Model
Supply Voltage
VDD
User Program
Code Space
Temperature
Range
Package Description
Package
Option
ADuC842BS62-5
5
62
–40°C to +85°C
52-Lead Plastic Quad Flatpack
S-52
ADuC842BS62-3
3
62
–40°C to +85°C
52-Lead Plastic Quad Flatpack
S-52
ADuC842BCP62-5
5
62
–40°C to +85°C
56-Lead Chip Scale Package
CP-56
ADuC842BCP62-3
3
62
–40°C to +85°C
56-Lead Chip Scale Package
CP-56
ADuC842BCP32-5
5
32
–40°C to +85°C
56-Lead Chip Scale Package
CP-56
ADuC842BCP32-3
3
32
–40°C to +85°C
56-Lead Chip Scale Package
CP-56
ADuC842BCP8-5
5
8
–40°C to +85°C
56-Lead Chip Scale Package
CP-56
ADuC842BCP8-3
3
8
–40°C to +85°C
56-Lead Chip Scale Package
CP-56
EVAL-ADuC842QS
5
QuickStart Development System
EVAL-ADuC842QSP2
5
QuickStart Plus Development System
Table 44. ADuC843 Ordering Guide
Model
Supply Voltage
VDD
User Program
Code Space
Temperature
Range
Package Description
Package
Option
ADuC843BS62-5
5
62
–40°C to +85°C
52-Lead Plastic Quad Flatpack
S-52
ADuC843BS62-3
3
62
–40°C to +85°C
52-Lead Plastic Quad Flatpack
S-52
ADuC843BCP62-5
5
62
–40°C to +85°C
56-Lead Chip Scale Package
CP-56
ADuC843BCP62-3
3
62
–40°C to +85°C
56-Lead Chip Scale Package
CP-56
ADuC843BCP32-5
5
32
–40°C to +85°C
56-Lead Chip Scale Package
CP-56
ADuC843BCP32-3
3
32
–40°C to +85°C
56-Lead Chip Scale Package
CP-56
ADuC843BCP8-5
5
8
–40°C to +85°C
56-Lead Chip Scale Package
CP-56
ADuC843BCP8-3
3
8
–40°C to +85°C
56-Lead Chip Scale Package
CP-56
EVAL-ADuC842QS1
5
QuickStart Development System
EVAL-ADuC842QSP1, 2
5
QuickStart Plus Development System
1The only difference between the ADuC842 and ADuC843 parts is the voltage output DACs on the ADuC842; thus the evaluation system for the ADuC842 is also
suitable for the ADuC843.
2The Quickstart Plus system can only be ordered directly from Accutron. It can be purchased from the website www.accutron.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com