Electronic Components Datasheet Search
  English  ▼

X  

OP291 Datasheet(PDF) 26 Page - Analog Devices

Part # OP291
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP291 Datasheet(HTML) 26 Page - Analog Devices

Back Button OP291 Datasheet HTML 22Page - Analog Devices OP291 Datasheet HTML 23Page - Analog Devices OP291 Datasheet HTML 24Page - Analog Devices OP291 Datasheet HTML 25Page - Analog Devices OP291 Datasheet HTML 26Page - Analog Devices OP291 Datasheet HTML 27Page - Analog Devices OP291 Datasheet HTML 28Page - Analog Devices OP291 Datasheet HTML 29Page - Analog Devices OP291 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 26 of 88
ADCCON3—(ADC Control SFR 3)
The ADCCON3 register controls the operation of various
calibration modes and also indicates the ADC busy status.
SFR Address
F5H
SFR Power-On Default
00H
Bit Addressable
No
Table 9. ADCCON3 SFR Bit Designations
Bit No.
Name
Description
7
BUSY
ADC Busy Status Bit.
A read-only status bit that is set during a valid ADC conversion or during a calibration cycle.
Busy is automatically cleared by the core at the end of conversion or calibration.
6
RSVD
Reserved. This bit should always be written as 0.
5
AVGS1
Number of Average Selection Bits.
This bit selects the number of ADC readings that are averaged during a calibration cycle.
4
AVGS0
AVGS1
0
0
1
1
AVGS0
0
1
0
1
Number of Averages
15
1
31
63
3
RSVD
Reserved. This bit should always be written as 0.
2
RSVD
This bit should always be written as 1 by the user when performing calibration.
1
TYPICAL
Calibration Type Select Bit.
This bit selects between offset (zero-scale) and gain (full-scale) calibration.
Set to 0 for offset calibration.
Set to 1 for gain calibration.
0
SCAL
Start Calibration Cycle Bit.
When set, this bit starts the selected calibration cycle.
It is automatically cleared when the calibration cycle is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com