Electronic Components Datasheet Search
  English  ▼

X  

OP291 Datasheet(PDF) 62 Page - Analog Devices

Part # OP291
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP291 Datasheet(HTML) 62 Page - Analog Devices

Back Button OP291 Datasheet HTML 58Page - Analog Devices OP291 Datasheet HTML 59Page - Analog Devices OP291 Datasheet HTML 60Page - Analog Devices OP291 Datasheet HTML 61Page - Analog Devices OP291 Datasheet HTML 62Page - Analog Devices OP291 Datasheet HTML 63Page - Analog Devices OP291 Datasheet HTML 64Page - Analog Devices OP291 Datasheet HTML 65Page - Analog Devices OP291 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 62 of 88
TIMER/COUNTER 0 AND 1 OPERATING MODES
The following sections describe the operating modes for
Timer/Counters 0 and 1. Unless otherwise noted, assume that
these modes of operation are the same for both Timer 0 and
Timer 1.
Mode 0 (13-Bit Timer/Counter)
Mode 0 configures an 8-bit timer/counter. Figure 66 shows
Mode 0 operation. Note that the divide-by-12 prescaler is not
present on the single-cycle core.
CORE
CLK
P3.4/T0
P3.2/INT0
TR0
TF0
TH0
(8 BITS)
INTERRUPT
Tl0
(5 BITS)
CONTROL
GATE
C/T = 1
C/T = 0
Figure 66. Timer/Counter 0, Mode 0
In this mode, the timer register is configured as a 13-bit register.
As the count rolls over from all 1s to all 0s, it sets the timer
overflow flag, TF0. TF0 can then be used to request an interrupt.
The counted input is enabled to the timer when TR0 = 1 and
either Gate = 0 or INT0 = 1. Setting Gate = 1 allows the timer to
be controlled by external input INT0 to facilitate pulse-width
measurements. TR0 is a control bit in the special function
register TCON; Gate is in TMOD. The 13-bit register consists of
all 8 bits of TH0 and the lower five bits of TL0. The upper 3 bits
of TL0 are indeterminate and should be ignored. Setting the run
flag (TR0) does not clear the registers.
Mode 1 (16-Bit Timer/Counter)
Mode 1 is the same as Mode 0, except that the Mode 1 timer
register is running with all 16 bits. Mode 1 is shown in
Figure 67.
CORE
CLK
CONTROL
P3.4/T0
GATE
TR0
TF0
TL0
(8 BITS)
TH0
(8 BITS)
INTERRUPT
P3.2/INT0
C/ T = 0
C/ T = 1
Figure 67. Timer/Counter 0, Mode 1
Mode 2 (8-Bit Timer/Counter with Autoreload)
Mode 2 configures the timer register as an 8-bit counter (TL0)
with automatic reload, as shown in Figure 68. Overflow from TL0
not only sets TF0, but also reloads TL0 with the contents of TH0,
which is preset by software. The reload leaves TH0 unchanged.
CONTROL
TF0
TL0
(8 BITS)
INTERRUPT
RELOAD
TH0
(8 BITS)
CORE
CLK
P3.4/T0
GATE
TR0
P3.2/INT0
C/ T = 0
C/ T = 1
Figure 68. Timer/Counter 0, Mode 2
Mode 3 (Two 8-Bit Timer/Counters)
Mode 3 has different effects on Timer 0 and Timer 1. Timer 1 in
Mode 3 simply holds its count. The effect is the same as setting
TR1 = 0. Timer 0 in Mode 3 establishes TL0 and TH0 as two
separate counters. This configuration is shown in Figure 69. TL0
uses the Timer 0 control bits: C/T, Gate, TR0, INT0, and TF0.
TH0 is locked into a timer function (counting machine cycles)
and takes over the use of TR1 and TF1 from Timer 1. Thus,
TH0 now controls the Timer 1 interrupt. Mode 3 is provided for
applications requiring an extra 8-bit timer or counter.
When Timer 0 is in Mode 3, Timer 1 can be turned on and off
by switching it out of and into its own Mode 3, or it can still be
used by the serial interface as a baud rate generator. In fact, it
can be used in any application not requiring an interrupt from
Timer 1 itself.
CONTROL
TF0
TL0
(8 BITS)
INTERRUPT
CORE
CLK
P3.4/T0
GATE
TR0
TF1
TH0
(8 BITS)
INTERRUPT
CORE
CLK/12
TR1
P3.2/INT0
C/ T = 0
C/ T = 1
Figure 69. Timer/Counter 0, Mode 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com