Electronic Components Datasheet Search
  English  ▼

X  

OP291 Datasheet(PDF) 17 Page - Analog Devices

Part # OP291
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP291 Datasheet(HTML) 17 Page - Analog Devices

Back Button OP291 Datasheet HTML 13Page - Analog Devices OP291 Datasheet HTML 14Page - Analog Devices OP291 Datasheet HTML 15Page - Analog Devices OP291 Datasheet HTML 16Page - Analog Devices OP291 Datasheet HTML 17Page - Analog Devices OP291 Datasheet HTML 18Page - Analog Devices OP291 Datasheet HTML 19Page - Analog Devices OP291 Datasheet HTML 20Page - Analog Devices OP291 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 17 of 88
Mnemonic
Description
Bytes
Cycles
XRL A,dir
Exclusive-OR indirect memory to A
2
2
XRL dir,#data
Exclusive-OR immediate data to direct
3
3
CLR A
Clear A
1
1
CPL A
Complement A
1
1
SWAP A
Swap nibbles of A
1
1
RL A
Rotate A left
1
1
RLC A
Rotate A left through carry
1
1
RR A
Rotate A right
1
1
RRC A
Rotate A right through carry
1
1
Data Transfer
MOV A,Rn
Move register to A
1
1
MOV A,@Ri
Move indirect memory to A
1
2
MOV Rn,A
Move A to register
1
1
MOV @Ri,A
Move A to indirect memory
1
2
MOV A,dir
Move direct byte to A
2
2
MOV A,#data
Move immediate to A
2
2
MOV Rn,#data
Move register to immediate
2
2
MOV dir,A
Move A to direct byte
2
2
MOV Rn, dir
Move register to direct byte
2
2
MOV dir, Rn
Move direct to register
2
2
MOV @Ri,#data
MOV dir,@Ri
MOV @Ri,dir
Move immediate to indirect memory
Move indirect to direct memory
Move direct to indirect memory
2
2
2
2
2
2
MOV dir,dir
Move direct byte to direct byte
3
3
MOV dir,#data
Move immediate to direct byte
3
3
MOV DPTR,#data
Move immediate to data pointer
3
3
MOVC A,@A+DPTR
Move code byte relative DPTR to A
1
4
MOVC A,@A+PC
Move code byte relative PC to A
1
4
MOVX A,@Ri
Move external (A8) data to A
1
4
MOVX A,@DPTR
Move external (A16) data to A
1
4
MOVX @Ri,A
Move A to external data (A8)
1
4
MOVX @DPTR,A
Move A to external data (A16)
1
4
PUSH dir
Push direct byte onto stack
2
2
POP dir
Pop direct byte from stack
2
2
XCH A,Rn
Exchange A and register
1
1
XCH A,@Ri
Exchange A and indirect memory
1
2
XCHD A,@Ri
Exchange A and indirect memory nibble
1
2
XCH A,dir
Exchange A and direct byte
2
2
Boolean
CLR C
Clear carry
1
1
CLR bit
Clear direct bit
2
2
SETB C
Set carry
1
1
SETB bit
Set direct bit
2
2
CPL C
Complement carry
1
1
CPL bit
Complement direct bit
2
2
ANL C,bit
AND direct bit and carry
2
2
ANL C,/bit
AND direct bit inverse to carry
2
2
ORL C,bit
OR direct bit and carry
2
2
ORL C,/bit
OR direct bit inverse to carry
2
2
MOV C,bit
Move direct bit to carry
2
2
MOV bit,C
Move carry to direct bit
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com