Electronic Components Datasheet Search
  English  ▼

X  

OP291 Datasheet(PDF) 71 Page - Analog Devices

Part # OP291
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP291 Datasheet(HTML) 71 Page - Analog Devices

Back Button OP291 Datasheet HTML 67Page - Analog Devices OP291 Datasheet HTML 68Page - Analog Devices OP291 Datasheet HTML 69Page - Analog Devices OP291 Datasheet HTML 70Page - Analog Devices OP291 Datasheet HTML 71Page - Analog Devices OP291 Datasheet HTML 72Page - Analog Devices OP291 Datasheet HTML 73Page - Analog Devices OP291 Datasheet HTML 74Page - Analog Devices OP291 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 71 of 88
IEIP2
Secondary Interrupt Enable Register
SFR Address
A9H
Power-On Default
A0H
Bit Addressable
No
Table 37. IEIP2 SFR Bit Designations
Bit No.
Name
Description
7
----
Reserved.
6
PTI
Priority for time interval interrupt.
5
PPSM
Priority for power supply monitor interrupt.
4
PSI
Priority for SPI/I2C interrupt.
3
----
This bit must contain zero.
2
ETI
Set by the user to enable, or cleared to disable time interval counter interrupts.
1
EPSMI
Set by the user to enable, or cleared to disable power supply monitor interrupts.
0
ESI
Set by the user to enable, or cleared to disable SPI or I2C serial port interrupts.
Interrupt Priority
The interrupt enable registers are written by the user to enable
individual interrupt sources, while the interrupt priority regis-
ters allow the user to select one of two priority levels for each
interrupt. An interrupt of a high priority may interrupt the
service routine of a low priority interrupt, and if two interrupts
of different priority occur at the same time, the higher level
interrupt is serviced first. An interrupt cannot be interrupted by
another interrupt of the same priority level. If two interrupts of
the same priority level occur simultaneously, a polling sequence
is observed as shown in Table 38.
Table 38. Priority within an Interrupt Level
Source
Priority
Description
PSMI
1 (Highest)
Power Supply Monitor Interrupt.
WDS
2
Watchdog Timer Interrupt.
IE0
2
External Interrupt 0.
ADCI
3
ADC Interrupt.
TF0
4
Timer/Counter 0 Interrupt.
IE1
5
External Interrupt 1.
TF1
6
Timer/Counter 1 Interrupt.
ISPI/I2CI
7
SPI Interrupt/I2C Interrupt.
RI + TI
8
Serial Interrupt.
TF2 + EXF2
9
Timer/Counter 2 Interrupt.
TII
11(Lowest)
Time Interval Counter Interrupt.
Interrupt Vectors
When an interrupt occurs, the program counter is pushed onto
the stack, and the corresponding interrupt vector address is
loaded into the program counter. The interrupt vector addresses
are shown in Table 39.
Table 39. Interrupt Vector Addresses
Source
Vector Address
IE0
0003H
TF0
000BH
IE1
0013H
TF1
001BH
RI + TI
0023H
TF2 + EXF2
002BH
ADCI
0033H
ISPI/I2CI
003BH
PSMI
0043H
TII
0053H
WDS
005BH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com