Electronic Components Datasheet Search
  English  ▼

X  

OP291 Datasheet(PDF) 49 Page - Analog Devices

Part # OP291
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP291 Datasheet(HTML) 49 Page - Analog Devices

Back Button OP291 Datasheet HTML 45Page - Analog Devices OP291 Datasheet HTML 46Page - Analog Devices OP291 Datasheet HTML 47Page - Analog Devices OP291 Datasheet HTML 48Page - Analog Devices OP291 Datasheet HTML 49Page - Analog Devices OP291 Datasheet HTML 50Page - Analog Devices OP291 Datasheet HTML 51Page - Analog Devices OP291 Datasheet HTML 52Page - Analog Devices OP291 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 49 of 88
Bit No.
Name
Description
2
I2CRS
I2C Reset Bit (Slave Mode Only).
Set by the user to reset the I2C interface.
Cleared by the user code for normal I2C operation.
1
I2CTX
I2C Direction Transfer Bit (Slave Mode Only).
Set by the MicroConverter if the interface is transmitting.
Cleared by the MicroConverter if the interface is receiving.
0
I2CI
I2C Interrupt Bit (Slave Mode Only).
Set by the MicroConverter after a byte has been transmitted or received.
Cleared automatically when user code reads the I2CDAT SFR (see I2CDAT below).
I2CADD
I2C Address Register
Function
Holds the first I2C peripheral address for the part. It may be overwritten by user code. Application Note
uC001 at www.analog.com/microconverter describes the format of the I2C standard 7-bit address in
detail.
SFR Address
9BH
Power-On Default
55H
Bit Addressable
No
I2CADD1
I2C Address Register
Function
Holds the second I2C peripheral address for the part. It may be overwritten by user code.
SFR Address
91H
Power-On Default
7FH
Bit Addressable
No
I2CADD2
I2C Address Register
Function
Holds the third I2C peripheral address for the part. It may be overwritten by user code.
SFR Address
92H
Power-On Default
7FH
Bit Addressable
No
I2CADD3
I2C Address Register
Function
Holds the fourth I2C peripheral address for the part. It may be overwritten by user code.
SFR Address
93H
Power-On Default
7FH
Bit Addressable
No
I2CDAT
I2C Data Register
Function
Written by the user to transmit data over the I2C interface or read by user code to read data just
received by the I2C interface. Accessing I2CDAT automatically clears any pending I2C interrupt and
the I2CI bit in the I2CCON SFR. User software should access I2CDAT only once per interrupt cycle.
SFR Address
9AH
Power-On Default
00H
Bit Addressable
No
The main features of the MicroConverter I2C interface are
•
Only two bus lines are required: a serial data line (SDATA)
and a serial clock line (SCLOCK).
•
An I2C master can communicate with multiple slave
devices. Because each slave device has a unique 7-bit
address, single master/slave relationships can exist at all
times even in a multislave environment.
•
Ability to respond to four separate addresses when
operating in slave mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com