Electronic Components Datasheet Search
  English  ▼

X  

OP291 Datasheet(PDF) 23 Page - Analog Devices

Part # OP291
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP291 Datasheet(HTML) 23 Page - Analog Devices

Back Button OP291 Datasheet HTML 19Page - Analog Devices OP291 Datasheet HTML 20Page - Analog Devices OP291 Datasheet HTML 21Page - Analog Devices OP291 Datasheet HTML 22Page - Analog Devices OP291 Datasheet HTML 23Page - Analog Devices OP291 Datasheet HTML 24Page - Analog Devices OP291 Datasheet HTML 25Page - Analog Devices OP291 Datasheet HTML 26Page - Analog Devices OP291 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 23 of 88
ADC CIRCUIT INFORMATION
General Overview
The ADC conversion block incorporates a fast, 8-channel,
12-bit, single-supply ADC. This block provides the user with
multichannel mux, track-and-hold, on-chip reference, calibra-
tion features, and ADC. All components in this block are easily
configured via a 3-register SFR interface.
The ADC converter consists of a conventional successive
approximation converter based around a capacitor DAC. The
converter accepts an analog input range of 0 V to VREF. A high
precision, 15 ppm, low drift, factory calibrated 2.5 V reference is
provided on-chip. An external reference can be connected as
described in the Voltage Reference Connections section. This
external reference can be in the range 1 V to AVDD.
Single-step or continuous conversion modes can be initiated in
software or alternatively by applying a convert signal to an
external pin. Timer 2 can also be configured to generate a
repetitive trigger for ADC conversions. The ADC may be
configured to operate in a DMA mode whereby the ADC block
continuously converts and captures samples to an external
RAM space without any interaction from the MCU core. This
automatic capture facility can extend through a 16 MByte
external data memory space.
The ADuC841/ADuC842/ADuC843 are shipped with factory
programmed calibration coefficients that are automatically
downloaded to the ADC on power-up, ensuring optimum ADC
performance. The ADC core contains internal offset and gain
calibration registers that can be hardware calibrated to
minimize system errors.
A voltage output from an on-chip band gap reference propor-
tional to absolute temperature can also be routed through the
front end ADC multiplexer (effectively a 9th ADC channel
input), facilitating a temperature sensor implementation.
ADC Transfer Function
The analog input range for the ADC is 0 V to VREF. For this
range, the designed code transitions occur midway between
successive integer LSB values, i.e., 0.5 LSB, 1.5 LSB, 2.5 LSB . . .
FS –1.5 LSB. The output coding is straight binary with 1 LSB =
FS/4096 or 2.5 V/4096 = 0.61 mV when VREF = 2.5 V. The ideal
input/output transfer characteristic for the 0 V to VREF range is
shown in Figure 28.
OUTPUT
CODE
111...111
111...110
111...101
111...100
000...011
000...010
000...001
000...000
0V 1LSB
+FS
1LSB =
FS
4096
Figure 28. ADC Transfer Function
Typical Operation
Once configured via the ADCCON 1–3 SFRs, the ADC converts
the analog input and provides an ADC 12-bit result word in the
ADCDATAH/L SFRs. The top 4 bits of the ADCDATAH SFR
are written with the channel selection bits to identify the channel
result. The format of the ADC 12-bit result word is shown in
Figure 29.
CH–ID
TOP 4 BITS
HIGH 4 BITS OF
ADC RESULT WORD
LOW 8 BITS OF THE
ADC RESULT WORD
ADCDATAH SFR
ADCDATAL SFR
Figure 29. ADC Result Word Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com