Electronic Components Datasheet Search
  English  ▼

X  

OP291 Datasheet(PDF) 13 Page - Analog Devices

Part # OP291
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP291 Datasheet(HTML) 13 Page - Analog Devices

Back Button OP291 Datasheet HTML 9Page - Analog Devices OP291 Datasheet HTML 10Page - Analog Devices OP291 Datasheet HTML 11Page - Analog Devices OP291 Datasheet HTML 12Page - Analog Devices OP291 Datasheet HTML 13Page - Analog Devices OP291 Datasheet HTML 14Page - Analog Devices OP291 Datasheet HTML 15Page - Analog Devices OP291 Datasheet HTML 16Page - Analog Devices OP291 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 13 of 88
ADC CODES
–1.0
0
511
1023
2047
2559
3071
–0.8
1535
3583
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
AVDD/DVDD = 5V
fS = 400kHz
CD = 4
4095
Figure 7. Typical INL Error, VDD = 5 V, fS = 400 kHz
ADC CODES
–1.0
0
511
1023
2047
2559
3071
–0.8
1535
3583
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
AVDD/DVDD = 3V
fS = 400kHz
CD = 4
4095
Figure 8. Typical INL Error, VDD = 3 V, fS = 400 kHz
EXTERNAL REFERENCE (V)
1.2
0.8
0.4
0
–0.4
–0.6
1.0
0.6
0.2
–0.2
AVDD/DVDD = 5V
f
S = 152kHz
0.5
1.0
1.5
2.0
2.5
5.0
0.6
0.4
0
–0.4
–0.6
0.2
–0.2
WCN INL
WCP INL
Figure 9. Typical Worst-Case INL Error vs. VREF, VDD = 5 V
EXTERNAL REFERENCE (V)
0.8
0.4
0
–0.4
–0.8
0.6
0.2
–0.2
AVDD/DVDD = 3V
f
S = 152kHz
0.5
1.5
2.5
–0.6
0.8
0.4
0
–0.4
–0.8
0.6
0.2
–0.2
–0.6
3.0
2.0
1.0
WCN INL
WCP INL
Figure 10. Typical Worst-Case INL Error vs. VREF, VDD = 3 V
ADC CODES
1.0
511
1023
1535
2047
2559
0.6
0.2
–0.2
–0.6
–1.0
0.8
0.4
0
–0.4
–0.8
3071
3583
0
4095
AV DD/DVDD = 5V
f
S = 152kHz
Figure 11. Typical DNL Error, VDD = 5 V
ADC CODES
1.0
511
1023
1535
2047
2559
0.6
0.2
–0.2
–0.6
–1.0
0.8
0.4
0
–0.4
–0.8
3071
3583
0
4095
AV DD/DVDD = 3V
f
S = 152kHz
Figure 12. Typical DNL Error, VDD = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com