Electronic Components Datasheet Search
  English  ▼

X  

OP291 Datasheet(PDF) 78 Page - Analog Devices

Part # OP291
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP291 Datasheet(HTML) 78 Page - Analog Devices

Back Button OP291 Datasheet HTML 74Page - Analog Devices OP291 Datasheet HTML 75Page - Analog Devices OP291 Datasheet HTML 76Page - Analog Devices OP291 Datasheet HTML 77Page - Analog Devices OP291 Datasheet HTML 78Page - Analog Devices OP291 Datasheet HTML 79Page - Analog Devices OP291 Datasheet HTML 80Page - Analog Devices OP291 Datasheet HTML 81Page - Analog Devices OP291 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 78 of 88
TIMING SPECIFICATIONS1, 2, 3
Table 41. AVDD =2.7 V to 3.6 V or 4.75 V to 5.25 V, DVDD = 2.7 V to 3.6 V or 4.75 V to 5.25 V; all specifications TMIN to TMAX,
unless otherwise noted
Parameter
32.768 kHz External Crystal
ADuC842/ADuC843 CLOCK INPUT (External Clock Driven XTAL1)
Min
Typ
Max
Unit
tCK
XTAL1 Period
30.52
µs
tCKL
XTAL1 Width Low
6.26
µs
tCKH
XTAL1 Width High
6.26
µs
tCKR
XTAL1 Rise Time
9
ns
tCKF
XTAL1 Fall Time
9
ns
1/tCORE
ADuC842/ADuC843 Core Clock Frequency4
0.131
16.78
MHz
tCORE
ADuC842/ADuC843 Core Clock Period5
0.476
µs
tCYC
ADuC842/ADuC843 Machine Cycle Time6
0.059
0.476
7.63
µs
1 AC inputs during testing are driven at DVDD – 0.5 V for a Logic 1 and 0.45 V for Logic 0. Timing measurements are made at VIH min for Logic 1 and VIL max for Logic 0, as
shown in Figure 87.
2 For timing purposes, a port pin is no longer floating when a 100 mV change from load voltage occurs. A port pin begins to float when a 100 mV change from the
loaded VOH/VOL level occurs, as shown in Figure 87.
3 CLOAD for all outputs = 80 pF, unless otherwise noted.
4 ADuC842/ADuC843 internal PLL locks onto a multiple (512 times) of the 32.768 kHz external crystal frequency to provide a stable 16.78 MHz internal clock for the
system. The core can operate at this frequency or at a binary submultiple called Core_Clk, selected via the PLLCON SFR.
5 This number is measured at the default Core_Clk operating frequency of 2.09 MHz.
6 ADuC842/ADuC843 machine cycle time is nominally defined as 1/Core_CLK.
Parameter
Variable External Crystal
ADuC841 CLOCK INPUT (External Clock Driven XTAL1)
Min
Typ
Max
Unit
tCK
XTAL1 Period
62.5
1000
ns
tCKL
XTAL1 Width Low
20
ns
tCKH
XTAL1 Width High
20
ns
tCKR
XTAL1 Rise Time
20
ns
tCKF
XTAL1 Fall Time
20
ns
1/tCORE
ADuC841 Core Clock Frequency
0.131
20
MHz
tCORE
ADuC841 Core Clock Period
0.476
µs
tCYC
ADuC841 Machine Cycle Time
0.05
0.476
7.63
µs
t
CKH
t
CKL
t
CK
t
CKF
t
CKR
Figure 86. XTAL1 Input
DVDD – 0.5V
0.45V
0.2DVDD + 0.9V
TEST POINTS
0.2DVDD – 0.1V
VLOAD – 0.1V
VLOAD
VLOAD + 0.1V
TIMING
REFERENCE
POINTS
VLOAD – 0.1V
VLOAD
VLOAD – 0.1V
Figure 87. Timing Waveform Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com