Electronic Components Datasheet Search
  English  ▼

X  

SIC401DB Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIC401DB
Description  15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC401DB Datasheet(HTML) 5 Page - Vishay Siliconix

  SIC401DB Datasheet HTML 1Page - Vishay Siliconix SIC401DB Datasheet HTML 2Page - Vishay Siliconix SIC401DB Datasheet HTML 3Page - Vishay Siliconix SIC401DB Datasheet HTML 4Page - Vishay Siliconix SIC401DB Datasheet HTML 5Page - Vishay Siliconix SIC401DB Datasheet HTML 6Page - Vishay Siliconix SIC401DB Datasheet HTML 7Page - Vishay Siliconix SIC401DB Datasheet HTML 8Page - Vishay Siliconix SIC401DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Document Number: 63835
S12-2109-Rev. C, 03-Sep-12
www.vishay.com
5
Vishay Siliconix
SiC401A, SiC401BCD
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = 12 V, VDD = 5 V, TA = + 25 °C for typ.,
- 40 °C to + 85 °C for min. and max.,
TJ = < 125 °C, typical application circuit
Min.
Typ.
Max.
Unit
Input Power Supplies
Input Supply Voltage
VIN
317
V
VDD
VDD
35.5
VIN UVLO Threshold
(a)
VUVLO
Sensed at ENL pin, rising
2.4
2.6
2.95
Sensed at ENL pin, falling
2.23
2.4
2.57
VIN UVLO Hysteresis
VUVLO, HYS
0.25
VDD UVLO Threshold
VUVLO
Measured at VDD pin, rising
2.5
3
Measured at VDD pin, falling
2.4
2.9
VDD UVLO Hysteresis
VUVLO, HYS
0.2
VIN Supply Current
IIN
ENL, EN/PSV = 0 V , VIN = 17 V
10
20
µA
Standby mode; ENL= VDD, EN/PSV = 0 V
130
VDD Supply Current
IDD
ENL, EN/PSV = 0 V
190
300
SiC401A, EN/PSV = VDD, no load
(fSW = 25 kHz), VFB > 0.6 V
(b)
0.3
mA
SiC401B, EN/PSV = VDD, no load,
VFB > 0.6 V
(b)
0.7
VDD = 5 V, fSW = 250 kHz,
EN/PSV = floating, no load (b)
9
VDD = 3 V, fSW = 250 kHz,
EN/PSV = floating, no load (b)
5.5
FB On-Time Threshold
Static VIN and load
0.594
0.600
0.606
V
Frequency Range
fSW
Continuous mode operation
1000
kHz
Minimum fSW, (SiC401A only)
25
Bootstrap Switch Resistance
10
Timing
On-Time
tON
Continuous mode operation VIN = 12 V,
VOUT = 5 V, fSW = 300 kHz, Rton = 133 k
999
1110
1220
ns
Minimum On-Time (b)
tON, min.
80
Minimum Off-Time (b)
tOFF, min.
VDD = 5 V
250
VDD = 3 V
370
Soft Start
Soft Start Current (b)
ISS
3µA
Soft Start Voltage (b)
VSS
When VOUT reaches regulation
1.5
V
Analog Inputs/Outputs
VOUT Input Resistance
RO-IN
500
k
Current Sense
Zero-Crossing Detector Threshold Voltage
VSense-th
LX-PGND
- 3
+ 3
mV
Power Good
Power Good Threshold
PG_VTH_UPPER
Upper limit, VFB > internal 600 mV reference
± 20
%
PG_VTH_LOWER Lower limit, VFB < internal 600 mV reference
- 10
Start-Up Delay Time
(between PWM enable and PGOOD high)
PG_Td
VDD = 5 V, CSS = 10 nF
12
ms
VDD = 3 V, CSS = 10 nF
7
Fault (noise-immunity) Delay Time (b)
PG_ICC
5µs
Leakage Current
PG_ILK
1µA
Power Good On-Resistance
PG_RDS_ON
10
Fault Protection
Valley Current Limit
ILIM
VDD = 5 V, RILIM = 3945, TJ = 0 °C to +125 °C 12.75
15
17.25
A
VDD = 3.3 V, RILIM = 3945
13.5
ILIM Source Current
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com