Electronic Components Datasheet Search
  English  ▼

X  

SIC401DB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIC401DB
Description  15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC401DB Datasheet(HTML) 1 Page - Vishay Siliconix

  SIC401DB Datasheet HTML 1Page - Vishay Siliconix SIC401DB Datasheet HTML 2Page - Vishay Siliconix SIC401DB Datasheet HTML 3Page - Vishay Siliconix SIC401DB Datasheet HTML 4Page - Vishay Siliconix SIC401DB Datasheet HTML 5Page - Vishay Siliconix SIC401DB Datasheet HTML 6Page - Vishay Siliconix SIC401DB Datasheet HTML 7Page - Vishay Siliconix SIC401DB Datasheet HTML 8Page - Vishay Siliconix SIC401DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Vishay Siliconix
SiC401A, SiC401BCD
Document Number: 63835
S12-2109-Rev. C, 03-Sep-12
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
15 A microBUCK® SiC401A/B
Integrated Buck Regulator with Programmable LDO
DESCRIPTION
The Vishay Siliconix SiC401A/B an advanced stand-alone
synchronous buck regulator featuring integrated power
MOSFETs, bootstrap switch, and a programmable LDO in a
space-saving PowerPAK MLP55-32L pin packages.
The SiC401A/B is capable of operating with all ceramic
solutions and switching frequencies up to 1 MHz. The
programmable
frequency,
synchronous
operation
and
selectable power-save allow operation at high efficiency
across the full range of load current. The internal LDO may
be used to supply 5 V for the gate drive circuits or it may be
bypassed with an external 5 V for optimum efficiency and
used to drive external n-channel MOSFETs or other loads.
Additional features include cycle-by-cycle current limit,
voltage soft-start, under-voltage protection, programmable
over-current protection, soft shutdown and selectable
power-save. The Vishay Siliconix SiC401A/B also provides
an enable input and a power good output.
FEATURES
•
High efficiency > 93 %
•
15 A continuous output current capability
•
Integrated bootstrap switch
•
Programmable 200 mA LDO with bypass logic
•
Temperature compensated current limit
•
All ceramic solution enabled
•
Pseudo fixed-frequency adaptive on-time control
•
Programmable input UVLO threshold
•
Independent enable pin for switcher and LDO
•
Selectable ultra-sonic power-save mode (SiC401A)
•
Selectable power-save mode (SiC401B)
•
Programmable soft-start and soft-shutdown
•
1 % internal reference voltage
•
Power good output
•
Over-voltage and under-voltage protections
•
Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
•
Notebook, desktop and server computers
•
Digital HDTV and digital consumer applications
•
Networking and telecommunication equipment
•
Printers, DSL, and STB applications
•
Embedded applications
•
Point of load power supplies
TYPICAL APPLICATION CIRCUIT AND PACKAGE OPTIONS
PRODUCT SUMMARY
Input Voltage Range
3 V to 17 V
Output Voltage Range
0.6 V to 5.5 V
Operating Frequency
200 kHz to 1 MHz
Continuous Output Current
15 A
Peak Efficiency
93 %
Package
PowerPAK MLP55-32L
Typical Application Circuit for SiC401A/B (PowerPAK MLP5x5-32L)
PAD 1
AGND
PAD 3
LX
PAD 2
VIN
PGND
LX
PGND
PGND
PGND
PGND
PGND
17
18
19
20
21
BST
VIN
FBL
AGND
VDD
VOUT
FB
1
2
3
4
5
7
6
8
SS
24
LX
23
22
VIN
VOUT
VOUT
PGOOD
EN/PSV (Tri-State)
LDO_EN
31 30 29
25
26
27
28
32


Similar Part No. - SIC401DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC401DB VISHAY-SIC401DB Datasheet
2Mb / 30P
15 A microBUCK® SiC401A/B Integrated Buck Regulator with Programmable LDO
29-Jun-2020
SiC401DB-HC VISHAY-SiC401DB-HC Datasheet
632Kb / 10P
Selectable frequency from 200 kHz to 1 MHz with an external resistor
17-Nov-14
More results

Similar Description - SIC401DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
15-Aug-11
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
14-Jun-10
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
03-Sep-12
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
19-Mar-12
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
04-Feb-13
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
27-Aug-12
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
27-Aug-12
SIC401BCD VISHAY-SIC401BCD_V01 Datasheet
2Mb / 30P
15 A microBUCK® SiC401A/B Integrated Buck Regulator with Programmable LDO
29-Jun-2020
SIC402BCD VISHAY-SIC402BCD_V01 Datasheet
1Mb / 26P
10 A microBUCK® SiC402A/B Integrated Buck Regulator with Programmable LDO
29-Jun-2020
SIC403BCD VISHAY-SIC403BCD_V01 Datasheet
1Mb / 27P
6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
29-Jun-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com