Electronic Components Datasheet Search
  English  ▼

X  

SIC401DB Datasheet(PDF) 15 Page - Vishay Siliconix

Part # SIC401DB
Description  15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC401DB Datasheet(HTML) 15 Page - Vishay Siliconix

Back Button SIC401DB Datasheet HTML 11Page - Vishay Siliconix SIC401DB Datasheet HTML 12Page - Vishay Siliconix SIC401DB Datasheet HTML 13Page - Vishay Siliconix SIC401DB Datasheet HTML 14Page - Vishay Siliconix SIC401DB Datasheet HTML 15Page - Vishay Siliconix SIC401DB Datasheet HTML 16Page - Vishay Siliconix SIC401DB Datasheet HTML 17Page - Vishay Siliconix SIC401DB Datasheet HTML 18Page - Vishay Siliconix SIC401DB Datasheet HTML 19Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Vishay Siliconix
SiC401A, SiC401BCD
Document Number: 63835
S12-2109-Rev. C, 03-Sep-12
www.vishay.com
15
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
This method automatically produces an on-time that is
proportional to VOUT and inversely proportional to VIN. Under
steady-state conditions, the switching frequency can be
determined from the on-time by the following equation.
The SiC401A/B uses an external resistor to set the ontime
which indirectly sets the frequency. The on-time can be
programmed to provide operating frequency up to 1 MHz
using a resistor between the tON pin and ground. The resistor
value is selected by the following equation.
The constant, k, equals 1, when VDD is greater than 3.6 V. If
VDD is less than 3.6 V and VIN is greater than (VDD -1.75) x 10,
k is shown by the following equation.
The maximum RTON value allowed is shown by the following
equation.
VOUT Voltage Selection
The switcher output voltage is regulated by comparing VOUT
as seen through a resistor divider at the FB pin to the internal
600 mV reference voltage, see figure 3.
Note that this control method regulates the valley of the
output ripple voltage, not the DC value. The DC output
voltage VOUT is offset by the output ripple according to the
following equation.
When a large capacitor is placed in parallel with R1 (CTOP)
VOUT is shown by the following equation.
Enable and Power-Save Inputs
The EN/PSV input is used to enable or disable the switching
regulator. When EN/PSV is low (grounded), the switching
regulator is off and in its lowest power state. When off, the
output of the switching regulator soft-discharges the output
into a 15
 internal resistor via the V
OUT pin. When EN/PSV
is allowed to float, the pin voltage will float to 33 % of the
voltage at VDD. The switching regulator turns on with
power-save disabled and all switching is in forced continuous
mode.
When EN/PSV is high (above 44 % of the voltage at VDD),
the switching regulator turns on with power-save enabled.
The SiC401A/B P-Save operation reduces the switching
frequency according to the load for increased efficiency at
light load conditions.
Forced Continuous Mode Operation
The SiC401A/B operates the switcher in FCM (Forced
Continuous Mode) by floating the EN/PSV pin (see figure 4).
In this mode one of the power MOSFETs is always on, with
no intentional dead time other than to avoid cross-
conduction. This feature results in uniform frequency across
the full load range with the trade-off being poor efficiency at
light loads due to the high-frequency switching of the
MOSFETs. DH is gate signal to drive upper MOSFET. DL is
lower gate signal to drive lower MOSFET
Figure 2 - On-Time Generation
Figure 3 - Output Voltage Selection
FB
VREF
-
+
VOUT
VIN
Rton
On-time = K x Rton x (VOUT/VIN)
FB comparator
One-shot
timer
Gate
drives
DH
DL
Q1
Q2
L
Q1
ESR
FB
VOUT
COUT
VLX
+
fSW =
VOUT
tON x VIN
Rton =
25 pF x fSW
k
(VDD - 1.75) x 10
V
IN
k =
Rton_MAX =
VIN_MIN
15 µA
VOUT
R1
R2
To FB pin
VOUT = 0.6 x 1 +
R1
R2
VRIPPLE
2
+
VOUT = 0.6 x 1 +
R1
R2
VRIPPLE
2
+x
R2 x R1
R2 + R1
ωCTOP
1 +
2
1 + (R1ωCTOP)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com