Electronic Components Datasheet Search
  English  ▼

X  

SIC401DB Datasheet(PDF) 20 Page - Vishay Siliconix

Part # SIC401DB
Description  15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC401DB Datasheet(HTML) 20 Page - Vishay Siliconix

Back Button SIC401DB Datasheet HTML 16Page - Vishay Siliconix SIC401DB Datasheet HTML 17Page - Vishay Siliconix SIC401DB Datasheet HTML 18Page - Vishay Siliconix SIC401DB Datasheet HTML 19Page - Vishay Siliconix SIC401DB Datasheet HTML 20Page - Vishay Siliconix SIC401DB Datasheet HTML 21Page - Vishay Siliconix SIC401DB Datasheet HTML 22Page - Vishay Siliconix SIC401DB Datasheet HTML 23Page - Vishay Siliconix SIC401DB Datasheet HTML 24Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
www.vishay.com
20
Document Number: 63835
S12-2109-Rev. C, 03-Sep-12
Vishay Siliconix
SiC401A, SiC401BCD
www.vishay.com
20
Document Number: 63835
S12-2109-Rev. C, 03-Sep-12
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
• VOUT = 1.5 V ± 4 %
• fSW = 300 kHz
• Load = 15 A max.
Frequency Selection
Selection of the switching frequency requires making a
trade-off between the size and cost of the external filter
components (inductor and output capacitor) and the power
conversion efficiency.
The desired switching frequency is 300 kHz which results
from using component selected for optimum size and cost.
A resistor (RtON) is used to program the on-time (indirectly
setting the frequency) using the following equation.
To select RtON, use the maximum value for VIN, and for tON
use the value associated with maximum VIN.
Substituting for RtON results in the following solution.
RtON = 133.3 k, use RtON = 130 k.
Inductor Selection
In order to determine the inductance, the ripple current must
first be defined. Low inductor values result in smaller size but
create higher ripple current which can reduce efficiency.
Higher inductor values will reduce the ripple current/voltage
and for a given DC resistance are more efficient. However,
larger inductance translates directly into larger packages and
higher cost. Cost, size, output ripple, and efficiency are all
used in the selection process.
The ripple current will also set the boundary for PSave
operation. The switching will typically enter PSave mode
when the load current decreases to 1/2 of the ripple current.
For example, if ripple current is 4 A then PSave operation will
typically start for loads less than 2 A. If ripple current is set at
40 % of maximum load current, then PSave will start for loads
less than 20 % of maximum current.
The inductor value is typically selected to provide a ripple
current that is between 25 % to 50 % of the maximum load
current. This provides an optimal trade-off between cost,
efficiency, and transient performance.
During
the
on-time,
voltage
across
the
inductor
is
(VIN - VOUT). The equation for determining inductance is
shown next.
Example
In this example, the inductor ripple current is set equal to
30 % of the maximum load current. Thus ripple current will be
30 % x 15 A or 4.5 A. To find the minimum inductance
needed, use the VIN and tON values that correspond to
VINmax.
A slightly larger value of 1 µH is selected. This will decrease
the maximum IRIPPLE to 4.43 A.
Note that the inductor must be rated for the maximum DC
load current plus 1/2 of the ripple current.
The ripple current under minimum VIN conditions is also
checked using the following equations.
Capacitor Selection
The output capacitors are chosen based upon required
ESR and capacitance. The maximum ESR requirement is
controlled by the output ripple requirement and the DC
tolerance. The output voltage has a DC value that is equal to
the valley of the output ripple plus 1/2 of the peak-to-peak
ripple.
A change in the output ripple voltage will lead to a change in
DC voltage at the output.
The design goal for output voltage ripple is 3 % of 1.5 V or
45 mV. The maximum ESR value allowed is shown by the
following equations.
The output capacitance is usually chosen to meet transient
requirements. A worst-case load release, from maximum
load to no load at the exact moment when inductor current is
at the peak, determines the required capacitance. If the load
release is instantaneous (load changes from maximum to
zero in < 1 µs), the output capacitor must absorb all the
inductor's stored energy. This will cause a peak voltage on
the capacitor according to the following equation.
Assuming a peak voltage VPEAK of 1.65 V (150 mV rise upon
load release), and a 15 A load release, the required
capacitance is shown by the next equation.
Rton =
25 pF x fSW
k
tON =
VOUT
VINmax. x fSW
L =
(VIN - VOUT) x tON
IRIPPLE
L =
(13.2 - 1.5) x 379 ns
4.5 A
= 0.99 µH
tON_VINmin. =
25 pF x RtON x VOUT
VINmin.
IRIPPLE =
(VIN - VOUT) x tON
L
IRIPPLE_VINmin. =
(10.8 - 1.5) x 451 ns
1 µH
= 4.19 A
= 451 ns
ESRmax. =
VRIPPLE
IRIPPLEmax.
ESRmax. = 10.2 m
Ω
=
45 mV
4.43 A
COUT_min. =
L (IOUT +
x IRIPPLEmax.)2
(VPEAK)2 - (VOUT)2
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com