Electronic Components Datasheet Search
  English  ▼

X  

SIC401DB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIC401DB
Description  15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC401DB Datasheet(HTML) 4 Page - Vishay Siliconix

  SIC401DB Datasheet HTML 1Page - Vishay Siliconix SIC401DB Datasheet HTML 2Page - Vishay Siliconix SIC401DB Datasheet HTML 3Page - Vishay Siliconix SIC401DB Datasheet HTML 4Page - Vishay Siliconix SIC401DB Datasheet HTML 5Page - Vishay Siliconix SIC401DB Datasheet HTML 6Page - Vishay Siliconix SIC401DB Datasheet HTML 7Page - Vishay Siliconix SIC401DB Datasheet HTML 8Page - Vishay Siliconix SIC401DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.vishay.com
4
Document Number: 63835
S12-2109-Rev. C, 03-Sep-12
Vishay Siliconix
SiC401A, SiC401BCD
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to absolute maximum rating/conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Electrical Parameter
Conditions
Limits
Unit
VIN
to PGND
- 0.3 to + 20
V
VIN
to VDD
- 0.4 max.
LX
to PGND
- 0.3 to + 20
LX (Transient < 100 ns)
to PGND
- 2 to + 20
VDD
to PGND
- 0.3 to + 6
EN/PSV, PGOOD, ILIM
Reference to PGND
- 0.3 to + (VDD + 0.3)
tON
to PGND
- 0.3 to + (VDD - 1.5)
BST
to LX
- 0.3 to + 6
to PGND
- 0.3 to + 25
ENL
- 0.3 to VIN
AGND to PGND
- 0.3 to + 0.3
Temperature
Maximum Junction Temperature
150
°C
Storage Temperature
- 65 to 150
Power Dissipation
Junction to Ambient Thermal Impedance (RthJA)
(b)
IC Section
50
°C/W
Maximum Power Dissipation
Ambient Temperature = 25 °C
3.4
W
Ambient Temperature = 100 °C
1.3
ESD Protection
HBM
2
kV
RECOMMENDED OPERATING CONDITIONS
(all voltages referenced to GND = 0 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input Voltage
VIN
317
V
VDD to PGND
35.5
Output Voltage
VOUT
0.6
5.5
Temperature
Ambient Temperature
- 40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com