Electronic Components Datasheet Search
  English  ▼

X  

SIC401DB Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIC401DB
Description  15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC401DB Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SIC401DB Datasheet HTML 2Page - Vishay Siliconix SIC401DB Datasheet HTML 3Page - Vishay Siliconix SIC401DB Datasheet HTML 4Page - Vishay Siliconix SIC401DB Datasheet HTML 5Page - Vishay Siliconix SIC401DB Datasheet HTML 6Page - Vishay Siliconix SIC401DB Datasheet HTML 7Page - Vishay Siliconix SIC401DB Datasheet HTML 8Page - Vishay Siliconix SIC401DB Datasheet HTML 9Page - Vishay Siliconix SIC401DB Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.vishay.com
6
Document Number: 63835
S12-2109-Rev. C, 03-Sep-12
Vishay Siliconix
SiC401A, SiC401BCD
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
Notes:
a. VIN UVLO is programmable using a resistor divider from VIN to ENL to AGND. The ENL voltage is compared to an internal reference.
b. Typical value measured on standard evaluation board.
c. SiC401A/B has first order temperature compensation for over current. Results vary based upon the PCB thermal layout
d. The switch-over threshold is the maximum voltage diff erential between the VLDO and VOUT pins which ensures that VLDO will internally
switch-over to VOUT. The non-switch-over threshold is the minimum voltage diff erential between the VLDO and VOUT pins which ensures that
VLDO will not switch-over to VOUT.
e. The LDO drop out voltage is the voltage at which the LDO output drops 2 % below the nominal regulation point.
ILIM Comparator Offset Voltage
VILM-LK
With respect to AGND
- 10
0
+ 10
mV
Output Under-Voltage Fault
VOUV_Fault
VFB with respect to Internal 600 mV
reference, 8 consecutive clocks
- 25
%
Smart Power-Save Protection
Threshold Voltageb
PSave_VTH
VFB with respect to internal 600 mV
+ 10
Over-Voltage Protection Threshold
VFB with respect to internal 600 mV
+ 20
Over-Voltage Fault Delayb
tOV-Delay
5µs
Over Temperature Shutdownb
TShut
10 °C hysteresis
150
°C
Logic Inputs/Outputs
Logic Input High Voltage
VIH
1
V
Logic Input Low Volatge
VIL
0.4
EN/PSV Input for P-Save Operation (b)
VDD = 5 V
2.2
5
EN/PSV Input for Forced Continuous
Operation (b)
12
EN/PSV Input for Disabling Switcher
00.4
EN/PSV Input Bias Current
IEN
- 10
+ 10
µA
ENL Input Bias Current
IENL
815
FBL, FB Input Bias Current
FBL_ILK
- 1
+ 1
Linear Dropout Regulator
FBL (b)
VLDO ACC
0.75
V
LDO Current Limit
LDO_ILIM
Short-circuit protection,
VIN = 12 V, VDD < 0.75 V
65
mA
Start-up and foldback, VIN = 12 V,
0.75 < VDD < 90 % of final VDD value
115
Operating current limit, VIN = 12 V,
VDD > 90 % of final VDD value
135
200
VLDO to VOUT Switch-over Threshold
(d)
VLDO-BPS
- 130
+ 130
mV
VLDO to VOUT Non-switch-over Threshold
(d)
VLDO-NBPS
- 500
+ 500
VLDO to VOUT Switch-over Resistance
RLDO
VOUT = 5 V
2
LDO Drop Out Voltage (e)
From VIN to VDD,
VDD = + 5 V, IVLDO = 100 mA
1.2
V
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = 12 V, VDD = 5 V, TA = + 25 °C for typ.,
- 40 °C to + 85 °C for min. and max.,
TJ = < 125 °C, typical application circuit
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com