Electronic Components Datasheet Search
  English  ▼

X  

SIC401DB Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIC401DB
Description  15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC401DB Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIC401DB Datasheet HTML 4Page - Vishay Siliconix SIC401DB Datasheet HTML 5Page - Vishay Siliconix SIC401DB Datasheet HTML 6Page - Vishay Siliconix SIC401DB Datasheet HTML 7Page - Vishay Siliconix SIC401DB Datasheet HTML 8Page - Vishay Siliconix SIC401DB Datasheet HTML 9Page - Vishay Siliconix SIC401DB Datasheet HTML 10Page - Vishay Siliconix SIC401DB Datasheet HTML 11Page - Vishay Siliconix SIC401DB Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.vishay.com
8
Document Number: 63835
S12-2109-Rev. C, 03-Sep-12
Vishay Siliconix
SiC401A, SiC401BCD
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
ELECTRICAL CHARACTERISTICS
Load Regulation - FCM
(VDD = 5 V, VOUT = 1.5 V, SiC401B)
Load Regulation - P-Save
(VDD = 5 V, VOUT = 1.5 V, SiC401B)
Switching Frequency - P-Save Mode vs. FCM
(VDD = 5 V, VOUT = 1.5 V, VIN = 12 V, SiC401B)
1.4
1.41
1.42
1.43
1.44
1.45
1.46
1.47
1.48
1.49
1.5
1.51
1.52
1.53
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
IOUT (A)
VIN=5V
=12V
IN
V
1.4
1.41
1.42
1.43
1.44
1.45
1.46
1.47
1.48
1.49
1.5
1.51
1.52
1.53
0123456789
10
11
12
13
14
15
IOUT(A)
VIN=5V
VIN=12V
0
50
100
150
200
250
300
350
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
IOUT(A)
FCM
PSAVE
Load Regulation - FCM
(VDD = 3.3 V, VOUT = 1.5 V, SiC401B)
Load Regulation - P-Save
(VDD = 3.3 V, VOUT = 1.5 V, SiC401B)
Switching Frequency - P-Save vs. FCM
(VDD = 3.3 V, VOUT = 1.5 V, VIN = 12 V, SiC401B)
1.4
1.41
1.42
1.43
1.44
1.45
1.46
1.47
1.48
1.49
1.5
1.51
1.52
1.53
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
T
(A)
VIN=5V
VIN=12V
1.4
1.41
1.42
1.43
1.44
1.45
1.46
1.47
1.48
1.49
1.5
1.51
1.52
1.53
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
IOUT(A)
VIN=5V
VIN=12V
0
50
100
150
200
250
300
350
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
IOUT(A)
FCM
PSAVE
FCM
PSAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com